Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 193 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 193 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 189Page - Renesas Technology Corp SH7052 Datasheet HTML 190Page - Renesas Technology Corp SH7052 Datasheet HTML 191Page - Renesas Technology Corp SH7052 Datasheet HTML 192Page - Renesas Technology Corp SH7052 Datasheet HTML 193Page - Renesas Technology Corp SH7052 Datasheet HTML 194Page - Renesas Technology Corp SH7052 Datasheet HTML 195Page - Renesas Technology Corp SH7052 Datasheet HTML 196Page - Renesas Technology Corp SH7052 Datasheet HTML 197Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 919 page
background image
167
• When DMATCR is 0: When the DMATCR value becomes 0 and the corresponding channel's
DMA transfer ends, the transfer end flag bit (TE) is set in CHCR. If the IE (interrupt enable)
bit has been set, a DMAC interrupt (DEI) request is sent to the CPU.
• When DE of CHCR is 0: Software can halt a DMA transfer by clearing the DE bit in the
channel’s CHCR. The TE bit is not set when this happens.
Conditions for Ending on All Channels Simultaneously: Transfers on all channels end when
the NMIF (NMI flag) bit or AE (address error flag) bit is set to 1 in DMAOR, or when the DME
bit in DMAOR is cleared to 0.
• When the NMIF or AE bit is set to 1 in DMAOR: When an NMI interrupt or DMAC address
error occurs, the NMIF or AE bit is set to 1 in DMAOR and all channels stop their transfers.
The DMAC obtains the bus right, and if these flags are set to 1 during execution of a transfer,
DMAC halts operation when the transfer processing currently being executed ends, and
transfers the bus right to the other bus master. Consequently, even if the NMIF or AE bit is set
to 1 during a transfer, the DMA source address register (SAR), designation address register
(DAR), and transfer count register (DMATCR) are all updated. The TE bit is not set. To
resume the transfers after NMI interrupt or address error processing, the NMIF or AE flag
must be cleared. To avoid restarting a transfer on a particular channel, clear its DE bit to 0 in
CHCR.
When the processing of a one-unit transfer is complete: In a dual address mode direct address
transfer, even if an address error occurs or the NMI flag is set during read processing, the
transfer will not be halted until after completion of the following write processing. In such a
case, SAR, DAR, and DMATCR values are updated. In the same manner, the transfer is not
halted in indirect address transfers until after the final write processing has ended.
• When DME is cleared to 0 in DMAOR: Clearing the DME bit to 0 in DMAOR aborts the
transfers on all channels. The TE bit is not set.
9.3.11
DMAC Access from CPU
The space addressed by the DMAC is 3-cycle space. Therefore, when the CPU becomes the bus
master and accesses the DMAC, a minimum of three basic clock cycles are required for one bus
cycle. Also, since the DMAC is located in word space, while a word-size access to the DMAC is
completed in one bus cycle, a longword-size access is automatically divided into two word
accesses, requiring two bus cycles (six basic clock cycles). These two bus cycles are executed
consecutively; a different bus cycle is never inserted between the two word accesses. This applies
to both write accesses and read accesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com