Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 204 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 204 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 200Page - Renesas Technology Corp SH7052 Datasheet HTML 201Page - Renesas Technology Corp SH7052 Datasheet HTML 202Page - Renesas Technology Corp SH7052 Datasheet HTML 203Page - Renesas Technology Corp SH7052 Datasheet HTML 204Page - Renesas Technology Corp SH7052 Datasheet HTML 205Page - Renesas Technology Corp SH7052 Datasheet HTML 206Page - Renesas Technology Corp SH7052 Datasheet HTML 207Page - Renesas Technology Corp SH7052 Datasheet HTML 208Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 919 page
background image
178
10.1.2
Pin Configuration
Table 10.2 shows the pin configuration of the ATU-II. When these external pin functions are used,
the pin function controller (PFC) should also be set in accordance with the ATU-II settings. If
there are a number of pins with the same function, make settings so that only one of the pins is
used. For details, see section 18, Pin Function Controller.
Table 10.2
ATU-II Pins
Channel
Name
Abbreviation
I/O
Function
Common
Clock input A
TCLKA
Input
External clock A input pin
Clock input B
TCLKB
Input
External clock B input pin
0
Input capture 0A
TI0A
Input
ICR0AH, ICR0AL input capture input
pin
Input capture 0B
TI0B
Input
ICR0BH, ICR0BL input capture input
pin
Input capture 0C
TI0C
Input
ICR0CH, ICR0CL input capture input
pin
Input capture 0D
TI0D
Input
ICR0DH, ICR0DL input capture input
pin
1
Input capture/output
compare 1A
TIO1A
Input/
output
GR1A output compare output/input
capture input
Input capture/output
compare 1B
TIO1B
Input/
output
GR1B output compare output/input
capture input
Input capture/output
compare 1C
TIO1C
Input/
output
GR1C output compare output/input
capture input
Input capture/output
compare 1D
TIO1D
Input/
output
GR1D output compare output/input
capture input
Input capture/output
compare 1E
TIO1E
Input/
output
GR1E output compare output/input
capture input
Input capture/output
compare 1F
TIO1F
Input/
output
GR1F output compare output/input
capture input
Input capture/output
compare 1G
TIO1G
Input/
output
GR1G output compare output/input
capture input
Input capture/output
compare 1H
TIO1H
Input/
output
GR1H output compare output/input
capture input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com