Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 250 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 250 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 246Page - Renesas Technology Corp SH7052 Datasheet HTML 247Page - Renesas Technology Corp SH7052 Datasheet HTML 248Page - Renesas Technology Corp SH7052 Datasheet HTML 249Page - Renesas Technology Corp SH7052 Datasheet HTML 250Page - Renesas Technology Corp SH7052 Datasheet HTML 251Page - Renesas Technology Corp SH7052 Datasheet HTML 252Page - Renesas Technology Corp SH7052 Datasheet HTML 253Page - Renesas Technology Corp SH7052 Datasheet HTML 254Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 919 page
background image
224
Timer I/O Control Registers 2A to 2D (TIOR2A to TIOR2D)
TIOR2A
Bit:
7
6
5
4
3
2
1
0
—
IO2B2
IO2B1
IO2B0
—
IO2A2
IO2A1
IO2A0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R/W
R/W
R/W
R
R/W
R/W
R/W
TIOR2B
Bit:
7
6
5
4
3
2
1
0
—
IO2D2
IO2D1
IO2D0
—
IO2C2
IO2C1
IO2C0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R/W
R/W
R/W
R
R/W
R/W
R/W
TIOR2C
Bit:
7
6
5
4
3
2
1
0
—
IO2F2
IO2F1
IO2F0
—
IO2E2
IO2E1
IO2E0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R/W
R/W
R/W
R
R/W
R/W
R/W
TIOR2D
Bit:
7
6
5
4
3
2
1
0
—
IO2H2
IO2H1
IO2H0
—
IO2G2
IO2G1
IO2G0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R/W
R/W
R/W
R
R/W
R/W
R/W
Registers TIOR2A to TIOR2D specify whether general registers GR2A to GR2H are used as input
capture or compare-match registers, and also perform edge detection and output value setting.
Each TIOR is initialized to H'00 by a power-on reset, and in hardware standby mode and software
standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com