Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 246 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 246 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 242Page - Renesas Technology Corp SH7052 Datasheet HTML 243Page - Renesas Technology Corp SH7052 Datasheet HTML 244Page - Renesas Technology Corp SH7052 Datasheet HTML 245Page - Renesas Technology Corp SH7052 Datasheet HTML 246Page - Renesas Technology Corp SH7052 Datasheet HTML 247Page - Renesas Technology Corp SH7052 Datasheet HTML 248Page - Renesas Technology Corp SH7052 Datasheet HTML 249Page - Renesas Technology Corp SH7052 Datasheet HTML 250Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 919 page
background image
220
• Bits 7 and 6—I/O Control 0D1 and 0D0 (IO0D1, IO0D0): These bits select TIOD pin input
capture signal edge detection.
Bit 7: IO0D1
Bit 6: IO0D0
Description
0
0
Input capture disabled (input capture possible in TCNT10B
compare-match)
(Initial value)
1
Input capture in ICR0D on rising edge
1
0
Input capture in ICR0D on falling edge
1
Input capture in ICR0D on both rising and falling edges
• Bits 5 and 4—I/O Control 0C1 and 0C0 (IO0C1, IO0C0): These bits select TIOC pin input
capture signal edge detection.
Bit 5: IO0C1
Bit 4: IO0C0
Description
0
0
Input capture disabled
(Initial value)
1
Input capture in ICR0C on rising edge
1
0
Input capture in ICR0C on falling edge
1
Input capture in ICR0C on both rising and falling edges
• Bits 3 and 2—I/O Control 0B1 and 0B0 (IO0B1, IO0B0): These bits select TIOB pin input
capture signal edge detection.
Bit 3: IO0B1
Bit 2: IO0B0
Description
0
0
Input capture disabled
(Initial value)
1
Input capture in ICR0B on rising edge
1
0
Input capture in ICR0B on falling edge
1
Input capture in ICR0B on both rising and falling edges
• Bits 1 and 0—I/O Control 0A1 and 0A0 (IO0A1, IO0A0): These bits select TIOA pin input
capture signal edge detection.
Bit 1: IO0A1
Bit 0: IO0A0
Description
0
0
Input capture disabled
(Initial value)
1
Input capture in ICR0A on rising edge
1
0
Input capture in ICR0A on falling edge
1
Input capture in ICR0A on both rising and falling edges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com