Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 244 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 244 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 240Page - Renesas Technology Corp SH7052 Datasheet HTML 241Page - Renesas Technology Corp SH7052 Datasheet HTML 242Page - Renesas Technology Corp SH7052 Datasheet HTML 243Page - Renesas Technology Corp SH7052 Datasheet HTML 244Page - Renesas Technology Corp SH7052 Datasheet HTML 245Page - Renesas Technology Corp SH7052 Datasheet HTML 246Page - Renesas Technology Corp SH7052 Datasheet HTML 247Page - Renesas Technology Corp SH7052 Datasheet HTML 248Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 919 page
background image
218
Timer Control Register 11 (TCR11)
Bit:
76543210
——
CKEG1
CKEG0
—
CKSELA2 CKSELA1 CKSELA0
Initial value:
00000000
R/W:
R
R
R/W
R/W
R
R/W
R/W
R/W
• Bits 7, 6, and 3—Reserved: These bits always read 0. The write value should always be 0.
• Bits 5 and 4—Edge Select: These bits select the event counter counted edge(s).
Bit 5: CKEG1
Bit 4: CKEG0
Description
0
0
Rising edges counted
(Initial value)
1
Falling edges counted
1
0
Both rising and falling edges counted
1
Count disabled
• Bits 2 to 0—Clock Select A2 to A0 (CKSELA2 to CKSELA0): These bits select clock φ",
scaled from the internal clock source, from
φ', φ'/2, φ'/4, φ'/8, φ'/16, and φ'/32.
Bit 2:
CKSELA2
Bit 1:
CKSELA1
Bit 0:
CKSELA0
Description
0
0
0
Internal clock
φ": counting on φ'
(Initial value)
1
Internal clock
φ": counting on φ'/2
1
0
Internal clock
φ": counting on φ'/4
1
Internal clock
φ": counting on φ'/8
1
0
0
Internal clock
φ": counting on φ'/16
1
Internal clock
φ": counting on φ'/32
1
0
External clock: counting on TCLKA pin input
1
External clock: counting on TCLKB pin input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com