Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 242 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 242 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 238Page - Renesas Technology Corp SH7052 Datasheet HTML 239Page - Renesas Technology Corp SH7052 Datasheet HTML 240Page - Renesas Technology Corp SH7052 Datasheet HTML 241Page - Renesas Technology Corp SH7052 Datasheet HTML 242Page - Renesas Technology Corp SH7052 Datasheet HTML 243Page - Renesas Technology Corp SH7052 Datasheet HTML 244Page - Renesas Technology Corp SH7052 Datasheet HTML 245Page - Renesas Technology Corp SH7052 Datasheet HTML 246Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 919 page
background image
216
Timer Control Registers 9A, 9B, 9C (TCR9A, TCR9B, TCR9C)
TCR9A
Bit:
7
6
5
43210
—
TRG3BEN EGSELB1 EGSELB0
—
TRG3AEN EGSELA1 EGSELA0
Initial value:
0
0
0
00000
R/W:
R
R/W
R/W
R/W
R
R/W
R/W
R/W
TCR9B
Bit:
7
6
5
43210
—
TRG3DEN EGSELD1 EGSELD0
—
TRG3CEN EGSELC1 EGSELC0
Initial value:
0
0
0
00000
R/W:
R
R/W
R/W
R/W
R
R/W
R/W
R/W
TCR9C
Bit:
7
6
5
43210
——
EGSELF1 EGSELF0
——
EGSELE1 EGSELE0
Initial value:
0
0
0
00000
R/W:
R
R
R/W
R/W
R
R
R/W
R/W
• Bit 7—Reserved: This bit always reads 0. The write value should always be 0.
• Bit 6—Trigger Channel 3BEN, 3DEN (TRG3BEN, TRG3DEN): These bits select the channel
9 event counter compare-match signal channel 3 input capture trigger.
Bit 6: TRG3xEN
Description
0
Channel 3 input capture trigger in event of channel 9 compare-match
(ECNT9x = GR9x) is disabled
(Initial value)
1
Channel 3 input capture trigger in event of channel 9 compare-match
(ECNT9x = GR9x) is enabled
x = B or D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com