Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 245 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 245 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 241Page - Renesas Technology Corp SH7052 Datasheet HTML 242Page - Renesas Technology Corp SH7052 Datasheet HTML 243Page - Renesas Technology Corp SH7052 Datasheet HTML 244Page - Renesas Technology Corp SH7052 Datasheet HTML 245Page - Renesas Technology Corp SH7052 Datasheet HTML 246Page - Renesas Technology Corp SH7052 Datasheet HTML 247Page - Renesas Technology Corp SH7052 Datasheet HTML 248Page - Renesas Technology Corp SH7052 Datasheet HTML 249Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 919 page
background image
219
10.2.4
Timer I/O Control Registers (TIOR)
The timer I/O control registers (TIOR) are 8-bit registers. The ATU-II has 16 TIOR registers: one
for channel 0, four each for channels 1 and 2, two each for channels 3 to 5, and one for channel 11.
For details of channel 10, see section 10.2.26, Channel 10 Registers.
Channel
Abbreviation
Function
0
TIOR0
ICR0 edge detection setting
1
TIOR1A to 1D
GR input capture/compare-match switching, edge detection/
2
TIOR2A to 2D
output value setting
3
TIOR3A, TIOR3B
GR input capture/compare-match switching, edge detection/
4
TIOR4A, TIOR4B
output value setting, TCNT3 to TCNT5 clear enable/disable
5
TIOR5A, TIOR5B
setting
11
TIOR11
GR input capture/compare-match switching, edge
detection/output value setting
Each TIOR is an 8-bit readable/writable register used to select the functions of dedicated input
capture registers and general registers.
For dedicated input capture registers (ICR), TIOR performs edge detection setting.
For general registers (GR), TIOR selects use as an input capture register or output compare
register, and performs edge detection setting. For channels 3 to 5, TIOR also selects enabling or
disabling of free-running counter (TCNT) clearing in the event of a compare-match.
Timer I/O Control Register 0 (TIOR0)
Bit:
7
6
5
4
3
2
1
0
IO0D1
IO0D0
IO0C1
IO0C0
IO0B1
IO0B0
IO0A1
IO0A0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
TIOR0 specifies edge detection for input capture registers ICR0A to ICR0D.
TIOR0 is initialized to H'00 by a power-on reset, and in hardware standby mode and software
standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com