Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 238 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 238 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 234Page - Renesas Technology Corp SH7052 Datasheet HTML 235Page - Renesas Technology Corp SH7052 Datasheet HTML 236Page - Renesas Technology Corp SH7052 Datasheet HTML 237Page - Renesas Technology Corp SH7052 Datasheet HTML 238Page - Renesas Technology Corp SH7052 Datasheet HTML 239Page - Renesas Technology Corp SH7052 Datasheet HTML 240Page - Renesas Technology Corp SH7052 Datasheet HTML 241Page - Renesas Technology Corp SH7052 Datasheet HTML 242Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 919 page
background image
212
• Bits 3 to 0—Clock Select 3 to 0 (CKSEL3 to CKSEL0): These bits select whether an internal
clock or external clock is used.
When an internal clock is selected, scaled clock
φ" is selected from φ', φ'/2, φ'/4, φ'/8, φ'/16, and
φ'/32.
When an external clock is selected, TCLKA, TCLKB, TI10 pin input, or a TI10 pin input
multiplied clock is selected.
When TI10 pin input and TI10 pin input clock multiplication are selected, set CKEG1 and
CKEG0 in TCR10 so that TI10 input is possible.
Bit 3:
CKSEL3
Bit 2:
CKSEL2
Bit 1:
CKSEL1
Bit 0:
CKSEL0
Description
0000
Internal clock
φ": counting on φ'
(Initial value)
1
Internal clock
φ": counting on φ'/2
1
0
Internal clock
φ": counting on φ'/4
1
Internal clock
φ": counting on φ'/8
1
0
0
Internal clock
φ": counting on φ'/16
1
Internal clock
φ": counting on φ'/32
1
0
External clock: counting on TCLKA pin input
1
External clock: counting on TCLKB pin input
1000
Counting on TI10 pin input (AGCK)
1
Counting on multiplied (corrected)(AGCKM) TI10
pin input clock
1
*
Setting prohibited
1
**
Setting prohibited
*: Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com