Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 235 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 235 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 231Page - Renesas Technology Corp SH7052 Datasheet HTML 232Page - Renesas Technology Corp SH7052 Datasheet HTML 233Page - Renesas Technology Corp SH7052 Datasheet HTML 234Page - Renesas Technology Corp SH7052 Datasheet HTML 235Page - Renesas Technology Corp SH7052 Datasheet HTML 236Page - Renesas Technology Corp SH7052 Datasheet HTML 237Page - Renesas Technology Corp SH7052 Datasheet HTML 238Page - Renesas Technology Corp SH7052 Datasheet HTML 239Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 919 page
background image
209
10.2.3
Timer Control Registers (TCR)
The timer control registers (TCR) are 8-bit registers. The ATU-II has 16 TCR registers: two each
for channels 1 and 2, one each for channels 3, 4, 5, 8, and 11, two each for channels 6 and 7, and
three for channel 9. For details of channel 10, see section 10.2.26, Channel 10 Registers.
Channel
Abbreviation
Function
1
TCR1A, TCR1B
Internal clock/external clock/TI10 input clock selection
2
TCR2A, TCR2B
3
TCR3
4
TCR4
5
TCR5
6
TCR6A, TCR6B
Internal clock selection
7
TCR7A, TCR7B
8
TCR8
9
TCR9A, TCR9B,
TCR9C
External clock selection/setting of channel 3 trigger in event of
compare-match
11
TCR11
Internal clock/external clock selection
Each TCR is an 8-bit readable/writable register that selects whether an internal clock or external
clock is used for channels 1 to 5 and 11. For channels 6 to 8, TCR selects an internal clock, and for
channel 9, an external clock.
When an internal clock is selected, TCR selects the value of
φ" further scaled from clock φ' scaled
with prescaler register 1 (PSCR1). Scaled clock
φ" can be selected, for channels 1 to 8 and 11
only, from
φ', φ'/2, φ'/4, φ'/8, φ'/16, and φ'/32 (only φ' is available for channel 0). Edge detection is
performed on the rising edge.
When an external clock is selected, TCR selects whether TCLKA, TCLKB (channels 1 to 5 and 11
only), TI10 pin input (channels 1 to 5 only), or a TI10 pin input multiplied clock (channels 1 to 5
only) is used, and also performs edge selection.
Each TCR is initialized to H'00 by a power-on reset, and in hardware standby mode and software
standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com