Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 232 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 232 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 228Page - Renesas Technology Corp SH7052 Datasheet HTML 229Page - Renesas Technology Corp SH7052 Datasheet HTML 230Page - Renesas Technology Corp SH7052 Datasheet HTML 231Page - Renesas Technology Corp SH7052 Datasheet HTML 232Page - Renesas Technology Corp SH7052 Datasheet HTML 233Page - Renesas Technology Corp SH7052 Datasheet HTML 234Page - Renesas Technology Corp SH7052 Datasheet HTML 235Page - Renesas Technology Corp SH7052 Datasheet HTML 236Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 919 page
background image
206
Timer Start Register 2 (TSTR2)
Bit:
7
6
5
4
3
2
1
0
STR7D
STR7C
STR7B
STR7A
STR6D
STR6C
STR6B
STR6A
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
TSTR2 is an 8-bit readable/writable register that starts and stops the free-running counter (TCNT)
in channels 6 and 7.
TSTR2 is initialized to H'00 by a power-on reset, and in hardware standby mode and software
standby mode.
• Bit 7—Counter Start 7D (STR7D): Starts and stops free-running counter 7D (TCNT7D).
Bit 7: STR7D
Description
0
TCNT7D is halted
(Initial value)
1
TCNT7D counts
• Bit 6—Counter Start 7C (STR7C): Starts and stops free-running counter 7C (TCNT7C).
Bit 6: STR7C
Description
0
TCNT7C is halted
(Initial value)
1
TCNT7C counts
• Bit 5—Counter Start 7B (STR7B): Starts and stops free-running counter 7B (TCNT7B).
Bit 5: STR7B
Description
0
TCNT7B is halted
(Initial value)
1
TCNT7B counts
• Bit 4—Counter Start 7A (STR7A): Starts and stops free-running counter 7A (TCNT7A).
Bit 4: STR7A
Description
0
TCNT7A is halted
(Initial value)
1
TCNT7A counts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com