Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 231 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 227Page - Renesas Technology Corp SH7052 Datasheet HTML 228Page - Renesas Technology Corp SH7052 Datasheet HTML 229Page - Renesas Technology Corp SH7052 Datasheet HTML 230Page - Renesas Technology Corp SH7052 Datasheet HTML 231Page - Renesas Technology Corp SH7052 Datasheet HTML 232Page - Renesas Technology Corp SH7052 Datasheet HTML 233Page - Renesas Technology Corp SH7052 Datasheet HTML 234Page - Renesas Technology Corp SH7052 Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 919 page
background image
205
• Bit 5—Counter Start 4 (STR4): Starts and stops free-running counter 4 (TCNT4).
Bit 5: STR4
Description
0
TCNT4 is halted
(Initial value)
1
TCNT4 counts
• Bit 4—Counter Start 3 (STR3): Starts and stops free-running counter 3 (TCNT3).
Bit 4: STR3
Description
0
TCNT3 is halted
(Initial value)
1
TCNT3 counts
• Bit 3—Counter Start 1B, 2B (STR1B, STR2B): Starts and stops free-running counters 1B and
2B (TCNT1B, TCNT2B).
Bit 3:
STR1B, STR2B
Description
0
TCNT1B and TCNT2B are halted
(Initial value)
1
TCNT1B and TCNT2B count
• Bit 2—Counter Start 2A (STR2A): Starts and stops free-running counter 2A (TCNT2A).
Bit 2: STR2A
Description
0
TCNT2A is halted
(Initial value)
1
TCNT2A counts
• Bit 1—Counter Start 1A (STR1A): Starts and stops free-running counter 1A (TCNT1A).
Bit 1: STR1A
Description
0
TCNT1A is halted
(Initial value)
1
TCNT1A counts
• Bit 0—Counter Start 0 (STR0): Starts and stops free-running counter 0 (TCNT0).
Bit 0: STR0
Description
0
TCNT0 is halted
(Initial value)
1
TCNT0 counts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com