Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 234 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 234 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 230Page - Renesas Technology Corp SH7052 Datasheet HTML 231Page - Renesas Technology Corp SH7052 Datasheet HTML 232Page - Renesas Technology Corp SH7052 Datasheet HTML 233Page - Renesas Technology Corp SH7052 Datasheet HTML 234Page - Renesas Technology Corp SH7052 Datasheet HTML 235Page - Renesas Technology Corp SH7052 Datasheet HTML 236Page - Renesas Technology Corp SH7052 Datasheet HTML 237Page - Renesas Technology Corp SH7052 Datasheet HTML 238Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 919 page
background image
208
• Bit 0—Counter Start 11 (STR11): Starts and stops free-running counter 11 (TCNT11).
Bit 0: STR11
Description
0
TCNT11 is halted
(Initial value)
1
TCNT11 counts
10.2.2
Prescaler Registers (PSCR)
The prescaler registers (PSCR) are 8-bit registers. The ATU-II has four PSCR registers.
Channel
Abbreviation
Function
0, 1, 2, 3, 4, 5, 8, 11
PSCR1
Prescaler setting for respective channels
6
PSCR2
7
PSCR3
10
PSCR4
PSCRx is an 8-bit writable register that enables the first-stage counter clock
φ' input to each
channel to be set to any value from P
φ/1 to Pφ/32.
Bit:
7
6
5
4
3
2
1
0
——
—
PSCxE
PSCxD
PSCxC
PSCxB
PSCxA
Initial value:
——
—
0
000
0
R/W:
——
—
W
WWW
W
x = 1 to 4
Input counter clock
φ' is determined by setting PSCxA to PSCxE: φ' is Pφ/1 when the set value is
H'00, and P
φ/32 when H'1F.
PSCRx is initialized to H'00 by a power-on reset, and in hardware standby mode and software
standby mode.
The internal clock
φ' set with this register can undergo further second-stage scaling to create clock
φ" for channels 1 to 8 and 11, the setting being made in the timer control register (TCR).
• Bits 7 to 5—Reserved. These bits cannot be modified.
• Bits 4 to 0—Prescaler (PSCxE, PSCxD, PSCxC, PSCxB, PSCxA): These bits specify
frequency division of first-stage counter clock
φ' input to the corresponding channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com