Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 236 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 236 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 232Page - Renesas Technology Corp SH7052 Datasheet HTML 233Page - Renesas Technology Corp SH7052 Datasheet HTML 234Page - Renesas Technology Corp SH7052 Datasheet HTML 235Page - Renesas Technology Corp SH7052 Datasheet HTML 236Page - Renesas Technology Corp SH7052 Datasheet HTML 237Page - Renesas Technology Corp SH7052 Datasheet HTML 238Page - Renesas Technology Corp SH7052 Datasheet HTML 239Page - Renesas Technology Corp SH7052 Datasheet HTML 240Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 919 page
background image
210
Timer Control Registers 1A, 1B, 2A, 2B (TCR1A, TCR1B, TCR2A, TCR2B)
TCR1A, TCR2A
Bit:
76543210
——
CKEGA1
CKEGA0
CKSELA3 CKSELA2 CKSELA1 CKSELA0
Initial value:
00000000
R/W:
R
R
R/W
R/W
R/W
R/W
R/W
R/W
TCR1B, TCR2B
Bit:
76543210
——
CKEGB1
CKEGB0
CKSELB3 CKSELB2 CKSELB1 CKSELB0
Initial value:
00000000
R/W:
R
R
R/W
R/W
R/W
R/W
R/W
R/W
• Bits 7 and 6—Reserved: These bits always read 0. The write value should always be 0.
• Bits 5 and 4—Clock Edge 1 and 0 (CKEGx1, CKEGx0): These bits select the count edge(s)
for external clock TCLKA and TCLKB input.
Bit 5: CKEGx1
Bit 4: CKEGx0
Description
0
0
Rising edges counted
(Initial value)
1
Falling edges counted
1
0
Both rising and falling edges counted
1
Count disabled
x = A or B
• Bits 3 to 0—Clock Select A3 to A0, B3 to B0 (CKSELA3 to CKSELA0, CKSELB3 to
CKSELB0): These bits select whether an internal clock or external clock is used.
When an internal clock is selected, scaled clock
φ" is selected from φ', φ'/2, φ'/4, φ'/8, φ'/16, and
φ'/32.
When an external clock is selected, TCLKA, TCLKB, TI10 pin input, or a TI10 pin input
multiplied clock is selected.
When TI10 pin input and TI10 pin input clock multiplication are selected, set CKEG1 and
CKEG0 in TCR10 so that TI10 input is possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com