Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 255 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 255 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 251Page - Renesas Technology Corp SH7052 Datasheet HTML 252Page - Renesas Technology Corp SH7052 Datasheet HTML 253Page - Renesas Technology Corp SH7052 Datasheet HTML 254Page - Renesas Technology Corp SH7052 Datasheet HTML 255Page - Renesas Technology Corp SH7052 Datasheet HTML 256Page - Renesas Technology Corp SH7052 Datasheet HTML 257Page - Renesas Technology Corp SH7052 Datasheet HTML 258Page - Renesas Technology Corp SH7052 Datasheet HTML 259Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 919 page
background image
229
• Bits 2 to 0—I/O Control 3A2 to 3A0, 4A2 to 4A0, 5A2 to 5A0, 3C2 to 3C0, 4C2 to 4C0, 5C2
to 5C0 (IO3A2 to IO3A0, IO4A2 to IO4A0, IO5A2 to IO5A0, IO3C2 to IO3C0, IO4C2 to
IO4C0, IO5C2 to IO5C0): These bits select the general register (GR) function.
Bit 2:
IOxx2
Bit 1:
IOxx1
Bit 0:
IOxx0
Description
0
0
0
GR is an output
compare register
Compare-match disabled; pin output
undefined
(Initial value)
1
0 output on GR compare-match
1
0
1 output on GR compare-match
1
Toggle output on GR compare-match
1
0
0
GR is an input
capture register
Input capture disabled (input capture by
channel 3 and 9 compare-match
enabled) (In channel 3 only, GR cannot
be written to)
1
Input capture in GR on rising edge at
TIOxx pin (GR connot be written to)
1
0
Input capture in GR on falling edge at
TIOxx pin (GR connot be written to)
1
Input capture in GR on both rising and
falling edges at TIOxx pin (GR connot be
written to)
xx = 3A, 4A, 5A, 3C, 4C, or 5C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com