Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 256 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 256 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 252Page - Renesas Technology Corp SH7052 Datasheet HTML 253Page - Renesas Technology Corp SH7052 Datasheet HTML 254Page - Renesas Technology Corp SH7052 Datasheet HTML 255Page - Renesas Technology Corp SH7052 Datasheet HTML 256Page - Renesas Technology Corp SH7052 Datasheet HTML 257Page - Renesas Technology Corp SH7052 Datasheet HTML 258Page - Renesas Technology Corp SH7052 Datasheet HTML 259Page - Renesas Technology Corp SH7052 Datasheet HTML 260Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 919 page
background image
230
Timer I/O Control Register 11 (TIOR11)
TIOR11
Bit:
7
6
5
4
3
2
1
0
——
—
IO11B0
———
IO11A0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R/W
R
R/W
R/W
R/W
TIOR11 specifies whether general registers GR11A and GR11B are used as input capture or
compare-match registers, and also performs edge detection and output value setting.
TIOR11 is initialized to H'00 by a power-on reset, and in hardware standby mode and software
standby mode.
• Bits 7 to 5—Reserved: These bits always reads 0. The write value should always be 0.
• Bit 4—I/O Control 11B0 (IO11B0): These bits select the general register (GR) function.
Bit 4: IO11B0
Description
0
Compare-match is disabled
(Initial value)
1
Ccompare-match is enabled
• Bits 3 to 1—Reserved: These bits always reads 0. The write value should always be 0.
• Bit 0—I/O Control 11A0 (IO11A0): This bit select the general register (GR) function.
Bit 0: IO11A0
Description
0
Compare-match is disabled
(Initial value)
1
Ccompare-match is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com