Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 330 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 330 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 326Page - Renesas Technology Corp SH7052 Datasheet HTML 327Page - Renesas Technology Corp SH7052 Datasheet HTML 328Page - Renesas Technology Corp SH7052 Datasheet HTML 329Page - Renesas Technology Corp SH7052 Datasheet HTML 330Page - Renesas Technology Corp SH7052 Datasheet HTML 331Page - Renesas Technology Corp SH7052 Datasheet HTML 332Page - Renesas Technology Corp SH7052 Datasheet HTML 333Page - Renesas Technology Corp SH7052 Datasheet HTML 334Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 919 page
background image
304
• Bit 4—One-Shot Pulse Terminate Enable E (OTEE): Enables or disables forced termination of
output by channel 1 down-counter terminate trigger E.
Bit 4: OTEE
Description
0
Forced termination of TO8E by down-counter terminate trigger is disabled
(Initial value)
1
Forced termination of TO8E by down-counter terminate trigger is enabled
• Bit 3—One-Shot Pulse Terminate Enable D (OTED): Enables or disables forced termination of
output by channel 1 down-counter terminate trigger D.
Bit 3: OTED
Description
0
Forced termination of TO8D by down-counter terminate trigger is disabled
(Initial value)
1
Forced termination of TO8D by down-counter terminate trigger is enabled
• Bit 2—One-Shot Pulse Terminate Enable C (OTEC): Enables or disables forced termination of
output by channel 1 down-counter terminate trigger C.
Bit 2: OTEC
Description
0
Forced termination of TO8C by down-counter terminate trigger is disabled
(Initial value)
1
Forced termination of TO8C by down-counter terminate trigger is enabled
• Bit 1—One-Shot Pulse Terminate Enable B (OTEB): Enables or disables forced termination of
output by channel 1 down-counter terminate trigger B.
Bit 1: OTEB
Description
0
Forced termination of TO8B by down-counter terminate trigger is disabled
(Initial value)
1
Forced termination of TO8B by down-counter terminate trigger is enabled
• Bit 0—One-Shot Pulse Terminate Enable A (OTEA): Enables or disables forced termination of
output by channel 1 down-counter terminate trigger A.
Bit 0: OTEA
Description
0
Forced termination of TO8A by down-counter terminate trigger is disabled
(Initial value)
1
Forced termination of TO8A by down-counter terminate trigger is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com