Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 331 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 331 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 327Page - Renesas Technology Corp SH7052 Datasheet HTML 328Page - Renesas Technology Corp SH7052 Datasheet HTML 329Page - Renesas Technology Corp SH7052 Datasheet HTML 330Page - Renesas Technology Corp SH7052 Datasheet HTML 331Page - Renesas Technology Corp SH7052 Datasheet HTML 332Page - Renesas Technology Corp SH7052 Datasheet HTML 333Page - Renesas Technology Corp SH7052 Datasheet HTML 334Page - Renesas Technology Corp SH7052 Datasheet HTML 335Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 919 page
background image
305
10.2.14
Reload Enable Register (RLDENR)
The reload enable register (RLDENR) is an 8-bit register. The ATU-II has one RLDENR register
in channel 8.
Bit:
7
6
5
4
3
2
1
0
RLDEN
——
——
—
—
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R
R
R
R
R
R
R
RLDENR is an 8-bit readable/writable register that enables or disables loading of the reload
register8 (RLDR8) value into the down-counters (DCNT8I to DCNT8P). Loading is performed on
generation of a channel 2 compare-match signal one-shot pulse start trigger. Reloading is not
performed if there is no linkage with channel 2 (one-shot pulse function), or while the down-
counter (DCNT8I to DCNT8P) is running.
RLDENR is initialized to H'00 by a power-on reset and in hardware standby mode and software
standby mode.
• Bit 7—Reload Enable (RLDEN): Enables or disables loading of the RLDR value into DCNT8I
to DCNT8P.
Bit 7: RLDEN
Description
0
Loading of reload register value into down-counters is disabled (Initial value)
1
Loading of reload register value into down-counters is enabled
• Bits 6 to 0—Reserved: These bits always read 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com