Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 335 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 335 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 331Page - Renesas Technology Corp SH7052 Datasheet HTML 332Page - Renesas Technology Corp SH7052 Datasheet HTML 333Page - Renesas Technology Corp SH7052 Datasheet HTML 334Page - Renesas Technology Corp SH7052 Datasheet HTML 335Page - Renesas Technology Corp SH7052 Datasheet HTML 336Page - Renesas Technology Corp SH7052 Datasheet HTML 337Page - Renesas Technology Corp SH7052 Datasheet HTML 338Page - Renesas Technology Corp SH7052 Datasheet HTML 339Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 919 page
background image
309
Down-Counters 8A to 8P (DCNT8A to DCNT8P): Down-counters 8A to 8P (DCNT8A to
DCNT8P) are 16-bit readable/writable registers that count on an input clock. The input clock is
selected with prescaler register 1 (PSCR1) and the timer control register (TCR).
Bit:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit name:
Initial value:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
R/W: R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W
When the one-shot pulse function is used, DCNT8x starts counting down when the corresponding
DSTR bit is set to 1 by the user program after the DCNT8x value has been set. When the DCNT8x
value underflows, DSTR and DCNT8x are automatically cleared to 0, and the count is stopped. At
the same time, the corresponding channel 8 timer status register 8 (TSR8) status flag is set to 1.
When the offset one-shot pulse function is used, on compare-match with a channel 1 or 2 general
register (GR) or output compare register (OCR) (the compare-match setting being made in the
trigger mode register (TRGMDR) (for channel 1 only) ) when the corresponding timer connection
register (TCNR) bit is 1, the corresponding down-count start register (DSTR) bit is automatically
set to 1 and the down-count is started. When the DCNT8x value underflows, the corresponding
DSTR bit and DCNT8x are automatically cleared to 0, the count is stopped, and the output is
inverted, or, if a one-shot terminate register (OTR) setting has been made to forcibly terminate
output by means of a trigger, DSTR is cleared to 0 by a channel 1 or 2 compare-match between
GR and OCR, the count is forcibly terminated, and the output is inverted. The output is inverted
for whichever is first. At the same time, the corresponding channel 8 TSR8 status flag is set to 1.
The DCNT8x counters can only be accessed by a word read or write.
The DCNT8x counters are initialized to H'0000 by a power-on reset, and in hardware standby
mode and software standby mode.
For details, see sections 10.3.5, One-Shot Pulse Function, and 10.3.6, Offset One-Shot Pulse
Function and Output Cutoff Function.
10.2.17
Event Counters (ECNT)
The event counters (ECNT) are 8-bit up-counters. The ATU-II has six ECNT counters in channel
9.
Channel
Abbreviation
Function
9
ECNT9A, ECNT9B,
ECNT9C, ECNT9D,
ECNT9E, ECNT9F
8-bit event counters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com