Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 336 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 336 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 332Page - Renesas Technology Corp SH7052 Datasheet HTML 333Page - Renesas Technology Corp SH7052 Datasheet HTML 334Page - Renesas Technology Corp SH7052 Datasheet HTML 335Page - Renesas Technology Corp SH7052 Datasheet HTML 336Page - Renesas Technology Corp SH7052 Datasheet HTML 337Page - Renesas Technology Corp SH7052 Datasheet HTML 338Page - Renesas Technology Corp SH7052 Datasheet HTML 339Page - Renesas Technology Corp SH7052 Datasheet HTML 340Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 919 page
background image
310
The ECNT counters are 8-bit readable/writable registers that count on detection of an input signal
from input pins TI9A to TI9F. Rising edge, falling edge, or both rising and falling edges can be
selected for edge detection.
Bit:
7
6
5
4
3
2
1
0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
When a compare-match with GR9 corresponding to an ECNT9x counter occurs, the compare-
match flag (CMF9) in the timer status register (TSR9) is set to 1. When a compare-match with GR
occurs, the ECNT9x counter is cleared automatically.
The ECNT9x counters can only be accessed by a byte read or write.
The ECNT9x counters are initialized to H'00 by a power-on reset, and in hardware standby mode
and software standby mode.
10.2.18
Output Compare Registers (OCR)
The output compare registers (OCR) are 16-bit registers. The ATU-II has nine OCR registers: one
in channel 1 and eight in channel 2.
Channel
Abbreviation
Function
1
OCR1
Output compare registers
2
OCR2A, OCR2B,
OCR2C, OCR2D,
OCR2E, OCR2F,
OCR2G, OCR2H
Output Compare Registers 1 and 2A to 2H (OCR1, OCR2A to OCR2H)
Bit:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Initial value:
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
R/W: R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W
The OCR registers are 16-bit readable/writable registers that have an output compare register
function.
The OCR and free-running counter (TCNT1B, TCNT2B) values are constantly compared, and if
the two values match, the CMF bit in the timer status register (TSR) is set to 1. If channels 1 and 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com