Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 337 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 337 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 333Page - Renesas Technology Corp SH7052 Datasheet HTML 334Page - Renesas Technology Corp SH7052 Datasheet HTML 335Page - Renesas Technology Corp SH7052 Datasheet HTML 336Page - Renesas Technology Corp SH7052 Datasheet HTML 337Page - Renesas Technology Corp SH7052 Datasheet HTML 338Page - Renesas Technology Corp SH7052 Datasheet HTML 339Page - Renesas Technology Corp SH7052 Datasheet HTML 340Page - Renesas Technology Corp SH7052 Datasheet HTML 341Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 919 page
background image
311
and channel 8 are linked by the timer connection register (TCNR), the corresponding channel 8
down-counter (DCNT) is started at the same time.
The OCR registers can only be accessed by a word read.
The OCR registers are initialized to H'FFFF by a power-on reset, and in hardware standby mode
and software standby mode.
10.2.19
Input Capture Registers (ICR)
The input capture registers (ICR) are 32-bit registers. The ATU-II has four 32-bit ICR registers in
channel 0.
Channel
Abbreviation
Function
0
ICR0AH, ICR0AL,
ICR0BH, ICR0BL,
ICR0CH, ICR0CL,
ICR0DH, ICR0DL
Dedicated input capture registers
Input Capture Registers 0AH, 0AL to 0DH, 0DL (ICR0AH, ICR0AL to ICR0DH, ICR0DL)
Bit:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Initial value:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Bit:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Initial value:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
The ICR registers are 32-bit read-only registers used exclusively for input capture.
These dedicated input capture registers store the TCNT0 value on detection of an input capture
signal from an external source. The corresponding TSR0 bit is set to 1 at this time. The input
capture signal edge to be detected is specified by timer I/O control register TIOR0. By setting the
TRG0DEN bit in TCR10, ICR0DH and ICR0DL can also be used for input capture in a compare
match between TCNT10B and OCR10B.
The ICR registers can only be accessed by a longword read. Word reads cannot be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com