Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 338 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 338 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 334Page - Renesas Technology Corp SH7052 Datasheet HTML 335Page - Renesas Technology Corp SH7052 Datasheet HTML 336Page - Renesas Technology Corp SH7052 Datasheet HTML 337Page - Renesas Technology Corp SH7052 Datasheet HTML 338Page - Renesas Technology Corp SH7052 Datasheet HTML 339Page - Renesas Technology Corp SH7052 Datasheet HTML 340Page - Renesas Technology Corp SH7052 Datasheet HTML 341Page - Renesas Technology Corp SH7052 Datasheet HTML 342Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 919 page
background image
312
The ICR registers are initialized to H'00000000 by a power-on reset, and in hardware standby
mode and software standby mode.
10.2.20
General Registers (GR)
The general registers (GR) are 16-bit registers. The ATU-II has 36 general registers: eight each in
channels 1 and 2, four each in channels 3 to 5, six in channel 9, and two in channel 11.
Channel
Abbreviation
Function
1
GR1A to GR1H
Dual-purpose input capture and output compare registers
2
GR2A to GR2H
3
GR3A to GR3D
4
GR4A to GR4D
5
GR5A to GR5D
9
GR9A to GR9F
Dedicated output compare registers
11
GR11A, GR11B
Compare match registers
General Registers 1A to 1H and 2A to 2H (GR1A to GR1H, GR2A to GR2H)
Bit:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Initial value:
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
R/W: R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W
These GR registers are 16-bit readable/writable registers with both input capture and output
compare functions. Function switching is performed by means of the timer I/O control registers
(TIOR).
When a general register is used for input capture, it stores the TCNT1A or TCNT2A value on
detection of an input capture signal from an external source. The corresponding IMF bit in TSR is
set to 1 at this time. The input capture signal edge to be detected is specified by the corresponding
TIOR.
When a general register is used for output compare, the GR value and free-running counter
(TCNT1A, TCNT2A) value are constantly compared, and when both values match, the IMF bit in
the timer status register (TSR) is set to 1. If connection of channels 1 and 2 and channel 8 is
specified in the timer connection register (TCNR), the corresponding channel 8 down-counter
(DCNT) is started. Compare-match output is specified by the corresponding TIOR.
The GR registers can only be accessed by a word read or write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com