Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 340 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 340 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 336Page - Renesas Technology Corp SH7052 Datasheet HTML 337Page - Renesas Technology Corp SH7052 Datasheet HTML 338Page - Renesas Technology Corp SH7052 Datasheet HTML 339Page - Renesas Technology Corp SH7052 Datasheet HTML 340Page - Renesas Technology Corp SH7052 Datasheet HTML 341Page - Renesas Technology Corp SH7052 Datasheet HTML 342Page - Renesas Technology Corp SH7052 Datasheet HTML 343Page - Renesas Technology Corp SH7052 Datasheet HTML 344Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 919 page
background image
314
In addition, channel 3 (GR3A to GR3D) input capture can be generated by GR9A to GR9D
compare-matches. This function is set by TRG3xEN in the timer control register (TCR).
The GR registers can be accessed by a byte read or write.
The GR registers are initialized to H'FF by a power-on reset, and in hardware standby mode and
software standby mode.
General Registers 11A, B (GR11A, B)
Bit:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Initial value:
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
R/W: R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W
These GR registers are 16-bit readable/writable registers with compare-match function.
When a general register is used as a compare-match register, the GR value and free-running
counter (TCNT) value are constantly compared, and when both values match, the IMF bit in the
timer status register (TSR) is set to 1. Compare-match output is specified by the corresponding
TIOR.
GR11A and GR11B compare-mach signals are transmitted to the advanced pulse controller
(APC). For details, see section 11, Advanced Pulse Controller (APC).
The GR registers can only be accessed by a word read or write.
The GR registers are initialized to H'FFFF by a power-on reset, and in hardware standby mode and
software standby mode.
10.2.21
Offset Base Registers (OSBR)
The offset base registers (OSBR) are 16-bit registers. The ATU-II has two OSBR registers, one
each in channels 1 and 2.
Channel
Abbreviation
Function
1
OSBR1
Dedicated input capture registers with signal from channel 0
2
OSBR2
ICR0A as input trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com