Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3822 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 3822
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3822 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 3822 Datasheet HTML 35Page - Renesas Technology Corp 3822 Datasheet HTML 36Page - Renesas Technology Corp 3822 Datasheet HTML 37Page - Renesas Technology Corp 3822 Datasheet HTML 38Page - Renesas Technology Corp 3822 Datasheet HTML 39Page - Renesas Technology Corp 3822 Datasheet HTML 40Page - Renesas Technology Corp 3822 Datasheet HTML 41Page - Renesas Technology Corp 3822 Datasheet HTML 42Page - Renesas Technology Corp 3822 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 328 page
background image
1-24
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
3822 Group
TOUT output active edge switch bit
0 : Start at “H” output
1 : Start at “L” output
TOUT output control bit
0 : TOUT output disabled
1 : TOUT output enabled
Timer 2 write control bit
0 : Write data in latch and counter
1 : Write data in latch only
Timer 2 count source selection bit
0 : Timer 1 output
1 : f(XIN)/16
(or f(XCIN)/16 in low-speed mode)
Timer 3 count source selection bit
0 : Timer 1 output
1 : f(XIN)/16
(or f(XCIN)/16 in low-speed mode)
Timer 1 count source selection bit
0 : f(XIN)/16
(or f(XCIN)/16 in low-speed mode)
1 : f(XCIN)
Not used (return “0” when read)
Timer 123 mode register
(T123M : address 002916)
Note : Internal clock
φ is f(XCIN)/2 in the low-speed mode.
b7
b0
Timer 1, Timer 2, Timer 3
Timer 1, timer 2, and timer 3 are 8-bit timers. The count source for
each timer can be selected by timer 123 mode register. The timer
latch value is not affected by a change of the count source. How-
ever, because changing the count source may cause an inadvert-
ent count down of the timer. Therefore, rewrite the value of timer
whenever the count source is changed.
Timer 2 Write Control
If the timer 2 write control bit is “0”, when the value is written in the
address of timer 2, the value is loaded in the timer 2 and the latch
at the same time.
If the timer 2 write control bit is “1”, when the value is written in the
address of timer 2, the value is loaded only in the latch. The value
in the latch is loaded in timer 2 after timer 2 underflows.
Timer 2 Output Control
When the timer 2 (TOUT) is output enabled, an inversion signal
from pin TOUT is output each time timer 2 underflows.
In this case, set the port P56 shared with the port TOUT to the out-
put mode.
Note on Timer 1 to Timer 3
When the count source of timer 1 to 3 is changed, the timer count-
ing value may be changed large because a thin pulse is generated
in count input of timer . If timer 1 output is selected as the count
source of timer 2 or timer 3, when timer 1 is written, the counting
value of timer 2 or timer 3 may be changed large because a thin
pulse is generated in timer 1 output.
Therefore, set the value of timer in the order of timer 1, timer 2 and
timer 3 after the count source selection of timer 1 to 3.
Fig. 20 Structure of timer 123 mode register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com