Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3822 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # 3822
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3822 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button 3822 Datasheet HTML 55Page - Renesas Technology Corp 3822 Datasheet HTML 56Page - Renesas Technology Corp 3822 Datasheet HTML 57Page - Renesas Technology Corp 3822 Datasheet HTML 58Page - Renesas Technology Corp 3822 Datasheet HTML 59Page - Renesas Technology Corp 3822 Datasheet HTML 60Page - Renesas Technology Corp 3822 Datasheet HTML 61Page - Renesas Technology Corp 3822 Datasheet HTML 62Page - Renesas Technology Corp 3822 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 328 page
background image
1-44
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
3822 Group
High-speed mode f(XIN)=8 MHz
Middle-speed mode
f(XIN)=8 MHz
Low-speed mode
Power source voltage
A-D conversion reference input voltage
Analog power source voltage
Analog input voltage AN0–AM7
“H” input voltage
P00–P07, P10–P17, P34–P37, P40, P41, P45, P47,
P52, P53, P56, P60–P67, P70, P71 (CM4=0)
“H” input voltage
P20–P27, P42–P44, P46, P50, P51, P54, P55, P57
“H” input voltage
RESET
“H” input voltage
XIN
“L” input voltage
P00–P07, P10–P17, P34–P37, P40, P41, P45, P47,
P52, P53, P56, P60–P67, P70, P71 (CM4=0)
“L” input voltage
P20–P27, P42–P44, P46, P50, P51, P54, P55, P57
“L” input voltage
RESET
“L” input voltage
XIN
RECOMMENDED OPERATING CONDITIONS
Ta = –20 to 85
°C
Ta = –40 to –20
°C
Ta = –20 to 85
°C
Ta = –40 to –20
°C
ABSOLUTE MAXIMUM RATINGS
Power source voltage
Input voltage P00–P07, P10–P17, P20–P27,
P34–P37, P40–P47, P50–P57,
P60–P67, P70, P71
Input voltage VL1
Input voltage VL2
Input voltage VL3
Input voltage RESET, XIN
Output voltage P00–P07, P10–P17
Output voltage P34–P37
Output voltage P20–P27, P41–P47, P50–P57,
P60–P67, P70, P71
Output voltage SEG0–SEG11
Output voltage XOUT
Power dissipation
Operating temperature
Storage temperature
VCC
VI
VI
VI
VI
VI
VO
VO
VO
VO
VO
Pd
Topr
Tstg
Symbol
Parameter
Conditions
Ratings
–0.3 to 7.0
–0.3 to VCC +0.3
–0.3 to VL2
VL1 to VL3
VL2 to VCC +0.3
–0.3 to VCC +0.3
–0.3 to VCC +0.3
–0.3 to VL3 +0.3
–0.3 to VL3 +0.3
–0.3 to VCC +0.3
–0.3 to VL3 +0.3
–0.3 to VCC +0.3
300
–20 to 85 (Note 1)
–40 to 125 (Note 2)
V
V
V
V
V
V
V
V
V
V
V
V
mW
°C
°C
Unit
All voltages are based on VSS.
Output transistors are cut off.
At output port
At segment output
At segment output
Ta = 25
°C
(VCC = 2.5 to 5.5 V, Ta = –20 to 85
°C, unless otherwise noted.
5.5
5.5
5.5
5.5
5.5
VCC
VCC
VCC
VCC
VCC
VCC
0.3 VCC
0.2 VCC
0.2 VCC
0.2 VCC
VCC
VSS
VREF
AVSS
VIA
VIH
VIH
VIH
VIH
VIL
VIL
VIL
VIL
Symbol
Parameter
Limits
Min.
V
V
V
V
V
V
V
V
V
Unit
4.0
2.5
3.0
2.5
3.0
2
AVSS
0.7 VCC
0.8 VCC
0.8 VCC
0.8 VCC
0
0
0
0
5.0
5.0
5.0
5.0
5.0
0
0
Typ.
Max.
Notes 1 : Extended operating temperature version : –40 to 85
°C
2 : Extended operating temperature version : –65 to 150
°C
Power source voltage
V
Extended operating temperature version : VCC = 3.0 to 5.5 V, Ta = –40 to –20
°C and VCC = 2.5 to 5.5V, Ta = –20 to 85°C)
V
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com