Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3822 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # 3822
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3822 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button 3822 Datasheet HTML 87Page - Renesas Technology Corp 3822 Datasheet HTML 88Page - Renesas Technology Corp 3822 Datasheet HTML 89Page - Renesas Technology Corp 3822 Datasheet HTML 90Page - Renesas Technology Corp 3822 Datasheet HTML 91Page - Renesas Technology Corp 3822 Datasheet HTML 92Page - Renesas Technology Corp 3822 Datasheet HTML 93Page - Renesas Technology Corp 3822 Datasheet HTML 94Page - Renesas Technology Corp 3822 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 328 page
background image
2.2 Interrupts
APPLICATION
2–25
3822 GROUP USER’S MANUAL
(3) Interrupt control register 1 (ICON1) and interrupt control register 2 (ICON2)
The interrupt control register 1 (address 003E16) and the interrupt control register 2 (address 003F16)
control each interrupt request source.
Figure 2.2.11 shows the structure of the interrupt control register 1 and Figure 2.2.12 shows the
structure of the interrupt control register 2.
When an interrupt enable bit is “0,” the corresponding interrupt request is disabled. If an interrupt
request occurs when this bit is “0,” the corresponding interrupt request bit is only set to “1,” and the
interrupt request is not accepted.
When an interrupt enable bit is “1,” the corresponding interrupt request is enabled. If an interrupt
request occurs when this bit is “1,” the interrupt request is accepted (at interrupt disable flag = “0”).
Each interrupt enable bit can be set to “0” or “1” by software.
Fig. 2.2.11 Structure of interrupt control register 1
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt control register 1 (ICON1) [Address 3E16]
B
Name
Functions
At reset RW
Interrupt control register 1
0
INT0 interrupt enable
bit
0 : Interrupts disabled
1 : Interrupts enabled
0
1
INT1 interrupt enable
bit
0
2
Serial I/O receive
interrupt enable bit
0
3
Serial I/O transmit
interrupt enable bit
0
4
Timer X interrupt
enable bit
0
5
Timer Y interrupt
enable bit
0
6
Timer 2 interrupt
enable bit
0
7
Timer 3 interrupt
enable bit
0
0 : Interrupts disabled
1 : Interrupts enabled
0 : Interrupts disabled
1 : Interrupts enabled
0 : Interrupts disabled
1 : Interrupts enabled
0 : Interrupts disabled
1 : Interrupts enabled
0 : Interrupts disabled
1 : Interrupts enabled
0 : Interrupts disabled
1 : Interrupts enabled
0 : Interrupts disabled
1 : Interrupts enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com