Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3822 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 3822
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3822 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 3822 Datasheet HTML 25Page - Renesas Technology Corp 3822 Datasheet HTML 26Page - Renesas Technology Corp 3822 Datasheet HTML 27Page - Renesas Technology Corp 3822 Datasheet HTML 28Page - Renesas Technology Corp 3822 Datasheet HTML 29Page - Renesas Technology Corp 3822 Datasheet HTML 30Page - Renesas Technology Corp 3822 Datasheet HTML 31Page - Renesas Technology Corp 3822 Datasheet HTML 32Page - Renesas Technology Corp 3822 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 328 page
background image
1-14
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
3822 Group
Note : Make sure that the input level at each pin is either 0 V or VCC during execution of the STP instruction.
When an input level is at an intermediate potential, a current will flow from VCC to VSS through the input-stage gate.
Input/Output
Input/output,
individual ports
Input/output,
individual ports
Input/output,
individual bits
Input
Input/output,
individual bits
output
Related SFRs
PULL register A
Segment output
enable register
PULL register A
Segment output
enable register
PULL register A
Interrupt control
register 2
PULL register A
Segment output
enable register
PULL register B
φ output control
register
PULL register B
Interrupt edge selection
register
PULL register B
Serial I/O control register
Serial I/O status register
UART control register
PULL register B
Interrupt edge selection
register
PULL register B
Timer X mode register
PULL register B
Timer X mode register
PULL register B
Timer Y mode register
PULL register B
Timer 123 mode register
PULL register B
A-D control register
PULL register A
CPU mode register
LCD mode register
Segment output
enable register
Pin
P00/SEG16–
P07/SEG23
P10/SEG24–
P17/SEG31
P20 – P27
P34/SEG12–
P37/SEG15
P40
P41/
φ
P42/INT0,
P43/INT1
P44/RXD
P45/TXD
P46/SCLK1
P47/SRDY
P50/INT2,
P51/INT3
P52/RTP0,
P53/RTP1
P54/CNTR0
P55/CNTR1
P56/TOUT
P57/ADT
P60/AN0–
P67/AN7
P70/XCOUT
P71/XCIN
COM0-COM3
SEG0-SEG11
Name
Port P0
Port P1
Port P2
Port P3
Port P4
Port P5
Port P6
Port P7
Common
Segment
I/O Format
CMOS compatible
input level
CMOS 3-state output
CMOS compatible
input level
CMOS 3-state output
CMOS compatible
input level
CMOS 3-state output
CMOS compatible
input level
CMOS compatible
input level
CMOS 3-state output
LCD common output
LCD segment output
Non-Port Function
LCD segment output
LCD segment output
Key input(Key-on
wake up) interrupt
input
LCD segment output
φ clock output
External interrupt input
Serial I/O function I/O
External interrupt input
Real time port function
oputput
Timer I/O
Timer I/O
Timer output
A-D trigger input
A-D conversion input
Sub-clock
generating circuit I/O
Diagram No.
(1)
(2)
(3)
(4)
(5)
(2)
(6)
(7)
(8)
(9)
(2)
(10)
(11)
(12)
(13)
(12)
(14)
(15)
(16)
(17)
(18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com