Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 390 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 390 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 386Page - Renesas Technology Corp M16C/62 Datasheet HTML 387Page - Renesas Technology Corp M16C/62 Datasheet HTML 388Page - Renesas Technology Corp M16C/62 Datasheet HTML 389Page - Renesas Technology Corp M16C/62 Datasheet HTML 390Page - Renesas Technology Corp M16C/62 Datasheet HTML 391Page - Renesas Technology Corp M16C/62 Datasheet HTML 392Page - Renesas Technology Corp M16C/62 Datasheet HTML 393Page - Renesas Technology Corp M16C/62 Datasheet HTML 394Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 615 page
background image
Clock-Synchronous Serial I/O
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-73
Transmission
Reception
(1) With an external clock selected, perform the following set-up procedure with the CLKi pin
input level = “H” if the CLK polarity select bit = “0” or with the CLKi pin input level = “L” if the
CLK polarity select bit = “1”:
1. Set the transmit enable bit (to “1”)
2. Write transmission data to the UARTi transmit buffer register
________
_______
3. “L” level input to the CTSi pin (when the CTS function is selected)
(1) In operating the clock-synchronous serial I/O, operating a transmitter generates a shift clock.
Fix settings for transmission even when using the device only for reception. Dummy data is
output to the outside from the TxDi pin (transmission pin) when receiving data.
(2) With the internal clock selected, setting the transmit enable bit to “1” (transmission-enabled
status) and setting dummy data in the UARTi transmission buffer register generates a shift
clock.
With the external clock selected, a shift clock is generated when the transmit enable bit is set
to “1”, dummy data is set in the UARTi transmit buffer register, and the external clock is input
to the CLKi pin.
(3) In receiving data in succession, an overrun error occurs when the next reception data is made
ready in the UARTi receive register with the receive complete flag set to “1” (before the
content of the UARTi receive buffer register is read), and overrun error flag is set to “1”. In this
instance, the next data is written to the UARTi receive buffer register, so handle with this
problem by writing programs on transmission side and reception side so that the previous
data is transmitted again.
If an overrun error occurs, the UARTi receive interrupt request bit does not change.
(4) To receive data in succession, set dummy data in the lower-order byte of the UARTi transmit
buffer register every time reception is made.
(5) With an external clock selected, perform the following set-up procedure with the CLKi pin
input level = “H” if the CLK polarity select bit = “0” or with the CLKi pin input level = “L” if the
CLK polarity select bit = “1”:
1. Set receive enable bit (to “1”)
2. Set transmit enable bit (to “1”)
3. Write dummy data to the UARTi transmit buffer register
_______
(6) Output from the RTS pin goes to “L” level as soon as the receive enable bit is set to “1”. This
is not related to the content of the transmit buffer empty flag or the content of the transmit
enable bit.
_______
Output from the RTS pin goes to “H” level when reception starts, and goes to “L” level when
reception is completed. This is not related to the content of the transmit buffer empty flag or
the content of the receive complete flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com