Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 394 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 394 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 390Page - Renesas Technology Corp M16C/62 Datasheet HTML 391Page - Renesas Technology Corp M16C/62 Datasheet HTML 392Page - Renesas Technology Corp M16C/62 Datasheet HTML 393Page - Renesas Technology Corp M16C/62 Datasheet HTML 394Page - Renesas Technology Corp M16C/62 Datasheet HTML 395Page - Renesas Technology Corp M16C/62 Datasheet HTML 396Page - Renesas Technology Corp M16C/62 Datasheet HTML 397Page - Renesas Technology Corp M16C/62 Datasheet HTML 398Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 394 / 615 page
background image
UART
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-77
The following are examples in which functions (a) to (e) are chosen:
_______
• Transmission WITH: CTS function, WITHOUT: other functions .............................................. P2-84
_______
• Reception WITH: RTS function, WITHOUT: other functions ................................................... P2-88
Also, the SIM interface is used by adding some extra settings in UART2's clock-asynchronous serial
I/O mode. Direct or inverse format is selected by connecting SIM card.
• Transmission WITH: direct format ........................................................................................... P2-92
• Reception WITH: direct format ................................................................................................ P2-96
(6) Input to the serial I/O and the direction register
To input an external signal to the serial I/O, set the direction register of the relevant port to input.
(7) Pins related to the serial I/O
_________
_________ __________
• CTS0, CTS1, CTS2 pins
_______
:Input pins for the CTS function
_________
_________
_________
• RTS0, RTS1, RTS2 pins
_______
:Output pins for the RTS function
• CLK0, CLK1 pins
:Input pins for the transfer clock
• RxD0, RxD1, RxD2 pins
:Input pins for data
• TxD0, TxD1, TxD2 pins
:Output pins for data
Since TxD2 pin is N-channel open drain, this pin needs pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com