Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 481 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 481 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 477Page - Renesas Technology Corp M16C/62 Datasheet HTML 478Page - Renesas Technology Corp M16C/62 Datasheet HTML 479Page - Renesas Technology Corp M16C/62 Datasheet HTML 480Page - Renesas Technology Corp M16C/62 Datasheet HTML 481Page - Renesas Technology Corp M16C/62 Datasheet HTML 482Page - Renesas Technology Corp M16C/62 Datasheet HTML 483Page - Renesas Technology Corp M16C/62 Datasheet HTML 484Page - Renesas Technology Corp M16C/62 Datasheet HTML 485Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 481 / 615 page
background image
Key-Input Interrupt
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-164
Figure 2.13.4. Example of operation of key-input interrupt
P100 output
P101 output
P102 output
P103 output
P104 to P107
input
Key input
Key OFF
Key OFF
Key ON
Key input
interrupt processing
Key matrix scan
(1) Enter to stop mode
(2) Cancel stop mode
(3) Key scan
(4) Enter to stop mode
Key ON
2.13.2 Operation of Key-Input Interrupt
The following is an operation of key-input interrupt. Figure 2.13.3 shows an example of a circuit that uses
the key-input interrupt, Figure 2.13.4 shows an example of operation of key-input interrupt, and Figure
2.13.5 shows the setting procedure of key-input interrupt.
(1) Set the direction register of the ports to be changed to key-input interrupt pins to input, and set
the pull-up function.
(2) Setting the key-input interrupt control register and setting the interrupt enable flag makes the
interrupt-enabled state ready.
_____
_____
(3) If a falling edge is input to either KI0 through KI3, the key-input interrupt request bit goes to “1”.
Operation
Figure 2.13.3. Example of circuit using the key-input interrupt
P100
VREF
I/O port
P101
P102
P103
P104 / KI0
P105 / KI1
P106 / KI2
P107 / KI3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com