Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 483 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 483 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 479Page - Renesas Technology Corp M16C/62 Datasheet HTML 480Page - Renesas Technology Corp M16C/62 Datasheet HTML 481Page - Renesas Technology Corp M16C/62 Datasheet HTML 482Page - Renesas Technology Corp M16C/62 Datasheet HTML 483Page - Renesas Technology Corp M16C/62 Datasheet HTML 484Page - Renesas Technology Corp M16C/62 Datasheet HTML 485Page - Renesas Technology Corp M16C/62 Datasheet HTML 486Page - Renesas Technology Corp M16C/62 Datasheet HTML 487Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 483 / 615 page
background image
Multiple Interrupts
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-166
Figure 2.14.1. Memory map of the interrupt control registers
004416
004516
004616
004716
004816
004916
004A16
004B16
004C16
004D16
004E16
004F16
005016
005116
005216
005316
005416
005516
005616
005716
005816
005916
005A16
005B16
005C16
005D16
005E16
005F16
INT1 interrupt control register (INT1IC)
Timer B0 interrupt control register (TB0IC)
Timer B2 interrupt control register (TB2IC)
Timer A1 interrupt control register (TA1IC)
Timer A3 interrupt control register (TA3IC)
UART0 transmit interrupt control register (S0TIC)
INT2 interrupt control register (INT2IC)
INT0 interrupt control register (INT0IC)
Timer B1 interrupt control register (TB1IC)
Timer A0 interrupt control register (TA0IC)
Timer A2 interrupt control register (TA2IC)
Timer A4 interrupt control register (TA4IC)
UART0 receive interrupt control register (S0RIC)
UART1 transmit interrupt control regster(S1TIC)
UART1 receive interrupt control register(S1RIC)
DMA1 interrupt control register (DM1IC)
DMA0 interrupt control register (DM0IC)
Key input interrupt control register(KUPIC)
A-D conversion interrupt control register (ADIC)
Bus collision detection interrupt control register (BCNIC)
UART2 transmit interrupt control register (S2TIC)
UART2 receive interrupt control register (S2RIC)
INT3 interrupt control register (INT3IC)
Timer B5 interrupt control register (TB5IC)
Timer B3 interrupt control register (TB3IC)
Timer B4 interrupt control register (TB4IC)
SI/O4 interrupt control register (S4IC)
INT5 interrupt control register (INT5IC)
SI/O3 interrupt control register (S4IC)
INT4 interrupt control register (INT4IC)
2.14 Multiple interrupts Usage
2.14.1 Overview of the Multiple interrupts usage
The following is an overview of the multiple interrupts usage.
(1) Interrupt control
Descriptions are given here regarding how to enable or disable maskable interrupts and how to set the
priority to be accepted. What is described here does not apply to non-maskable interrupts.
Enable or disable a non-maskable interrupt using the interrupt enable flag (I flag), interrupt priority
level selection bit, or processor interrupt priority level (IPL). Whether an interrupt request is present or
absent is indicated by the interrupt request bit. The interrupt request bit and the interrupt priority level
select bit are located in the interrupt control register of each interrupt. Also, the interrupt enable flag (I
flag) and the IPL are located in the flag register (FLG).
Figure 2.14.1 shows the memory map of the interrupt control registers, and Figure 2.14.2 shows the
interrupt control registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com