Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 498 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 498 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 494Page - Renesas Technology Corp M16C/62 Datasheet HTML 495Page - Renesas Technology Corp M16C/62 Datasheet HTML 496Page - Renesas Technology Corp M16C/62 Datasheet HTML 497Page - Renesas Technology Corp M16C/62 Datasheet HTML 498Page - Renesas Technology Corp M16C/62 Datasheet HTML 499Page - Renesas Technology Corp M16C/62 Datasheet HTML 500Page - Renesas Technology Corp M16C/62 Datasheet HTML 501Page - Renesas Technology Corp M16C/62 Datasheet HTML 502Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 498 / 615 page
background image
Programmable I/O Ports
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-181
2.16 Programmable I/O Ports Usage
2.16.1 Overview of the programmable I/O ports usage
Eighty-seven programmable I/O ports and one input-only port are available. I/O pins also serve as I/O
pins for built-in peripheral functions.
Each port has a direction register that defines the I/O direction and also has a port register for I/O data. In
addition, each port has a pull-up control register that defines pull-up in terms of 4 bits. The input-only port
has neither direction register nor pull-up control bit.
The following is an overview of the programmable I/O ports usage:
(1) Writing to a port register
With the direction register set to output, the level of the written values from each relevant pin is output
by writing to a port register. The output level conforms to CMOS output. Port P70 and P71 are N
channel open drain. Writing to the port register, with the direction register set to input, inputs a value
to the port register, but nothing is output to the relevant pins. The output level remains floating.
In memory expansion and microprocessor mode, the contents of corresponding port and direction
_______
_______
_____
________ ______
________ _______
_______
__________
registers of pins A0 to A19, D0 to D15, CS0 to CS3, RD, WRL/WR, WRH/BHE, ALE, RDY, HOLD,
_________
HLDA and BCLK cannot be modified.
(2) Reading a port register
With the direction register set to output, reading a port register takes out the content of the port regis-
ter, not the content of the pin. With the direction register set to input, reading the port register takes out
the content of the pin.
(3) Effect of the protection register
Data written to the direction register of P9 is affected by the protection register. The direction register
of P9 cannot be easily rewritten.
(4) Input-only port
_______
P85 is used as the input-only port, it also serves as NMI. P85 has no direction register. Pull-up cannot
_______
_______
be set to this port. As NMI cannot be disabled, an NMI interrupt occurs if a falling edge is input to P85.
Use P85 for reading the level input at this time only.
(5) Setting pull-up
The pull-up control bit allows setting of the pull-up, in terms of 4 bits, either in use or not in use. For the
four bits chosen, pull-up is effective only in the ports whose direction register is set to input. Pull-up is
not effective in ports whose direction register is set to output.
Do not set pull-up of corresponding pin when XCIN/XCOUT is set or a port is used as A-D input.
Pull-up can be set for P0 to P3, P40 to P43, P5 in only single-chip mode. Pull-up cannot be set for P0
to P3, P40 to P43, P5 in memory expansion and microprocessor modes. The contents of register can
be changed, but the pull-up resistance is not connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com