Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 500 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 500 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 496Page - Renesas Technology Corp M16C/62 Datasheet HTML 497Page - Renesas Technology Corp M16C/62 Datasheet HTML 498Page - Renesas Technology Corp M16C/62 Datasheet HTML 499Page - Renesas Technology Corp M16C/62 Datasheet HTML 500Page - Renesas Technology Corp M16C/62 Datasheet HTML 501Page - Renesas Technology Corp M16C/62 Datasheet HTML 502Page - Renesas Technology Corp M16C/62 Datasheet HTML 503Page - Renesas Technology Corp M16C/62 Datasheet HTML 504Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 500 / 615 page
background image
Programmable I/O Ports
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-183
Table 2.16.3. Examples of working on unused pins in memory expansion mode or microprocessor mode
(b) Memory expansion mode, microprocessor mode
Pin name
Connection
Ports P6 to P10 (excluding P85) After setting for input mode, connect every pin to VSS or VCC via a
resistor; or after setting for output mode, leave these pins open.
(Note 1, Note 2, Note 5)
AVSS, VREF
AVCC
Open (Note 3)
Connect to VCC
Connect to VSS
BHE, ALE, HLDA
Connect via resistor to VCC (pull-up)
XOUT (Note 4), BCLK (Note 6)
Open
If setting these pins in output mode and opening them, ports are in input mode until switched into
output mode by use of software after reset. Thus the voltage levels of the pins become unstable,
and there can be instances in which the power source current increases while the ports are in
input mode.
In view of an instance in which the contents of the direction registers change due to a runaway
generated by noise or other causes, setting the contents of the direction registers periodically by
use of software increases program reliability.
Make wiring as short as possible (not more than 2 cm from the microcomputer's pins) in working
on non-used pins.
When a VSS level is connected to the CNVSS pin, these pins are input ports until the processor
mode is switched by use of software after reset. Thus the voltage levels of the pins destabilize,
and there can be an increase in the power source current while these pins are input ports.
When an external clock is input to the XIN pin.
Output "L" if port P70 and P71 are set to output mode.
Port P70 and P71 are N channel open drain output.
When the BCLK output disable bit (bit 7 at address 000416) is set to “1”, connect to VCC via a
resistor (pull-up).
Note 1:
Note 2:
Note 3:
Note 4:
Note 5:
Note 6:
HOLD, RDY, NMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com