Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 574 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 574 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 570Page - Renesas Technology Corp M16C/62 Datasheet HTML 571Page - Renesas Technology Corp M16C/62 Datasheet HTML 572Page - Renesas Technology Corp M16C/62 Datasheet HTML 573Page - Renesas Technology Corp M16C/62 Datasheet HTML 574Page - Renesas Technology Corp M16C/62 Datasheet HTML 575Page - Renesas Technology Corp M16C/62 Datasheet HTML 576Page - Renesas Technology Corp M16C/62 Datasheet HTML 577Page - Renesas Technology Corp M16C/62 Datasheet HTML 578Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 574 / 615 page
background image
Appendix 2 Hexadecimal instruction CODE table
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-257
D7 to D4
1000
1001
1010
1011
1100
1101
1110
1111
D3 to D0
8
9
A
B
C
D
E
F
0000
0
TST.B
AND.B:G
ADD.B:G
ADC.B
CMP.B:G
CMP.B:Q
ROT.B
SHA.B
src,dest
src,dest
src,dest
src,dest
src,dest
#IMM,dest
#IMM,dest
#IMM,dest
0001
1
TST.W
AND.W:G
ADD.W:G
ADC.w
CMP.W:G
CMP.W:Q
ROT.W
SHA.W
src,dest
src,dest
src,dest
src,dest
src,dest
#IMM,dest
#IMM,dest
#IMM,dest
0010
2
PUSH.B:S
POP.B:S
MOV.W:S
INC.W
PUSH.W:S
POP.W:S
MOV.B:S
DEC.W
R0L
R0L
#IMM,A0
A0
A0
A0
#IMM,A0
A0
0011
3
ADD.B:S
AND.B:S
INC.B
MOV.B:Z
MOV.B:S
STNZ
CMP.B:S
RTS
#IMM8,R0H
#IMM8,R0H
R0H
#0,R0H
#IMM8,R0H
#IMM8,R0H
#IMM8,R0H
0100
4
ADD.B:S
AND.B:S
INC.B
MOV.B:Z
MOV.B:S
STNZ
CMP.B:S
JMP.W
#IMM8,R0L
#IMM8,R0L
R0L
#0,R0L
#IMM8,R0L
#IMM8,R0L
#IMM8,R0L
label
0101
5
ADD.B:S
AND.B:S
INC.B
MOV.B:Z
MOV.B:S
STNZ
CMP.B:S
JSR.W
#IMM8,dsp:8[SB] #IMM8,dsp:8[SB]
dsp:8[SB]
#0,dsp:8[SB]
#IMM8,dsp:8[SB]
#IMM8,dsp:8[SB]
#IMM8,dsp:8[SB]
label
0110
6
ADD.B:S
AND.B:S
INC.B
MOV.B:Z
MOV.B:S
STNZ
CMP.B:S
INTO
#IMM8,dsp:8[FB] #IMM8,dsp:8[FB]
dsp:8[FB]
#0,dsp:8[FB]
#IMM8,dsp:8[FB]
#IMM8,dsp:8[FB]
#IMM8,dsp:8[FB]
0111
7
ADD.B:S
AND.B:S
INC.B
MOV.B:Z
MOV.B:S
STNZ
CMP.B:S
#IMM8,abs16
#IMM8,abs16
abs16
#0,abs16
#IMM8,abs16
#IMM8,abs16
#IMM8,abs16
1000
8
XOR.B
OR.B:G
SUB.B:G
SBB.B
ADD.B:Q
MOV.B:Q
SHL.B
ADJNZ.B
src,dest
src,dest
src,dest
src,dest
#IMM,dest
#IMM,dest
#IMM,dest
#IMM,dest,label
1001
9
XOR.W
OR.W:G
SUB.W:G
SBB.W
ADD.W:Q
MOV.W:Q
SHL.W
ADJNZ.W
src,dest
src,dest
src,dest
src,dest
#IMM,dest
#IMM,dest
#IMM,dest
#IMM,dest,label
1010
A
PUSH.B:S
POP.B:S
MOV.W:S
INC.W
PUSH.W:S
POP.W:S
MOV.B:S
DEC.W
R0H
R0H
#IMM,A1
A1
A1
A1
#IMM,A1
A1
1011
B
SUB.B:S
OR.B:S
DEC.B
NOT.B:S
STZ
STZX
CODE_EB
REIT
#IMM8,R0H
#IMM8,R0H
R0H
R0H
#IMM8,R0H
#IMM8,#IMM8,R0H
1100
C
SUB.B:S
OR.B:S
DEC.B
NOT.B:S
STZ
STZX
PUSHM
JMP.A
#IMM8,R0L
#IMM8,R0L
R0L
R0L
#IMM8,R0L
#IMM8,#IMM8,R0L
src
label
1101
D
SUB.B:S
OR.B:S
DEC.B
NOT.B:S
STZ
STZX
POPM
JSR.A
#IMM8,dsp:8[SB] #IMM8,dsp:8[SB]
dsp:8[SB]
dsp:8[SB]
#IMM8,dsp:8[SB] #IMM8,#IMM8,dsp:8[SB]
dest
label
1110
E
SUB.B:S
OR.B:S
DEC.B
NOT.B:S
STZ
STZX
JMPS
JMP.B
#IMM8,dsp:8[FB] #IMM8,dsp:8[FB]
dsp:8[FB]
dsp:8[FB]
#IMM8,dsp:8[FB] #IMM8,#IMM8,dsp:8[FB]
#IMM8
label
1111
F
SUB.B:S
OR.B:S
DEC.B
NOT.B:S
STZ
STZX
JSRS
UND
#IMM8,abs16
#IMM8,abs16
abs16
abs16
#IMM8,abs16
#IMM8,#IMM8,abs16
#IMM8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com