Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 577 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 577 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 573Page - Renesas Technology Corp M16C/62 Datasheet HTML 574Page - Renesas Technology Corp M16C/62 Datasheet HTML 575Page - Renesas Technology Corp M16C/62 Datasheet HTML 576Page - Renesas Technology Corp M16C/62 Datasheet HTML 577Page - Renesas Technology Corp M16C/62 Datasheet HTML 578Page - Renesas Technology Corp M16C/62 Datasheet HTML 579Page - Renesas Technology Corp M16C/62 Datasheet HTML 580Page - Renesas Technology Corp M16C/62 Datasheet HTML 581Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 577 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Appendix 3 Setting register for pin function selected
2-260
e
m
a
n
n
i
PN
I
3
B
T
/
0
A
D
/
3
9
P.
o
N
n
i
P)
P
F
(
4)
P
G
(
2
n
o
i
t
c
e
l
e
s
n
o
i
t
c
n
u
F
r
e
t
s
i
g
e
r
g
n
i
t
t
e
S
s
k
r
a
m
e
Re
g
a
P
h
3
F
3
,
3h
E
F
3
,
2h
C
D
3
,
0h
B
5
3
,
7
0
A
DO
t
u
p
t
u
o
A
D0
0
1
0
9
5
1
-
1
N
I
3
B
TI
t
u
p
n
i
e
c
r
u
o
s
t
n
u
o
C
0
000
0
9
-
1
3
9
PI
)
h
g
i
h
d
e
ll
u
p
o
N
(
t
u
p
n
i
t
r
o
P
0
000
3
6
1
-
1
3
9
PI
)
h
g
i
h
d
e
ll
u
P
(
t
u
p
n
i
t
r
o
P0
1
0
0
3
6
1
-
1
3
9
PO
t
u
p
t
u
o
t
r
o
P1
X
0
0
3
6
1
-
1
h
3
F
3
,
3r
e
t
s
i
g
e
r
n
o
i
t
c
e
r
i
d
3
9
P
t
r
o
P
8
6
1
-
1
h
E
F
3
,
2r
e
t
s
i
g
e
r
l
o
r
t
n
o
c
p
u
-
ll
u
p
3
9
P
o
t
0
9
P
0
7
1
-
1
h
C
D
3
,
0r
e
t
s
i
g
e
r
l
o
r
t
n
o
c
A
-
D
f
o
t
i
b
e
l
b
a
n
e
t
u
p
t
u
o
0
A
-
D
0
6
1
-
1
h
B
5
3
,
7r
e
t
s
i
g
e
r
e
d
o
m
3
B
r
e
m
i
t
t
o
t
i
b
t
c
e
l
e
s
k
c
o
l
c
t
n
e
v
E
0
9
-
1
e
m
a
n
n
i
P3
T
U
O
S
/
N
I
2
B
T
/
2
9
P.
o
N
n
i
P)
P
F
(
5)
P
G
(
3
n
o
i
t
c
e
l
e
s
n
o
i
t
c
n
u
F
r
e
t
s
i
g
e
r
g
n
i
t
t
e
S
s
k
r
a
m
e
Re
g
a
P
h
3
F
3
,
2h
E
F
3
,
2h
D
9
3
,
7h
2
6
3
,
3h
2
6
3
,
2
N
I
2
B
TI
t
u
p
n
i
e
c
r
u
o
s
t
n
u
o
C
0
000
X
0
9
-
1
3
T
U
O
SO
t
u
p
t
u
o
a
t
a
d
O
/
I
l
a
i
r
e
S0
0
0
1
0
5
4
1
-
1
2
9
PI
)
h
g
i
h
d
e
ll
u
p
o
N
(
t
u
p
n
i
t
r
o
P
0
0X
0X
3
6
1
-
1
2
9
PI
)
h
g
i
h
d
e
ll
u
P
(
t
u
p
n
i
t
r
o
P0
1
X
0
X
3
6
1
-
1
2
9
PO
t
u
p
t
u
o
t
r
o
P1
X
X
0
X
3
6
1
-
1
h
3
F
3
,
2r
e
t
s
i
g
e
r
n
o
i
t
c
e
r
i
d
2
9
P
t
r
o
P
8
6
1
-
1
h
E
F
3
,
2r
e
t
s
i
g
e
r
l
o
r
t
n
o
c
p
u
-
ll
u
p
3
9
P
o
t
0
9
P
0
7
1
-
1
h
D
9
3
,
7r
e
t
s
i
g
e
r
e
d
o
m
2
B
r
e
m
i
t
t
o
t
i
b
t
c
e
l
e
s
k
c
o
l
c
t
n
e
v
E
0
9
-
1
h
2
6
3
,
3r
e
t
s
i
g
e
r
l
o
r
t
n
o
c
3
O
/
I
S
f
o
t
i
b
t
c
e
l
e
s
t
r
o
p
3
O
/
I
S
6
4
1
-
1
h
2
6
3
,
2r
e
t
s
i
g
e
r
l
o
r
t
n
o
c
3
O
/
I
S
f
o
t
i
b
e
l
b
a
s
i
d
t
u
p
t
u
o
3
T
U
O
S
6
4
1
-
1
e
m
a
n
n
i
P3
N
I
S
/
N
I
1
B
T
/
1
9
P.
o
N
n
i
P)
P
F
(
6)
P
G
(
4
n
o
i
t
c
e
l
e
s
n
o
i
t
c
n
u
F
r
e
t
s
i
g
e
r
g
n
i
t
t
e
S
s
k
r
a
m
e
Re
g
a
P
h
3
F
3
,
1h
E
F
3
,
2h
C
9
3
,
7h
2
6
3
,
3
N
I
1
B
TI
t
u
p
n
i
e
c
r
u
o
s
t
n
u
o
C
0
000
0
9
-
1
3
N
I
SI
t
u
p
n
i
a
t
a
d
O
/
I
l
a
i
r
e
S0
0
0
1
5
4
1
-
1
1
9
PI
)
h
g
i
h
d
e
ll
u
p
o
N
(
t
u
p
n
i
t
r
o
P0
0
X
0
3
6
1
-
1
1
9
PI
)
h
g
i
h
d
e
ll
u
P
(
t
u
p
n
i
t
r
o
P0
1
X
0
3
6
1
-
1
1
9
PO
t
u
p
t
u
o
t
r
o
P1
X
X
0
3
6
1
-
1
h
3
F
3
,
1r
e
t
s
i
g
e
r
n
o
i
t
c
e
r
i
d
1
9
P
t
r
o
P
8
6
1
-
1
h
E
F
3
,
2r
e
t
s
i
g
e
r
l
o
r
t
n
o
c
p
u
-
ll
u
p
3
9
P
o
t
0
9
P
0
7
1
-
1
h
C
9
3
,
7r
e
t
s
i
g
e
r
e
d
o
m
1
B
r
e
m
i
t
f
o
t
i
b
t
c
e
l
e
s
k
c
o
l
c
t
n
e
v
E
0
9
-
1
h
2
6
3
,
3r
e
t
s
i
g
e
r
l
o
r
t
n
o
c
3
O
/
I
S
f
o
t
i
b
t
c
e
l
e
s
t
r
o
p
3
O
/
I
S
6
4
1
-
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com