Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 605 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 605 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 601Page - Renesas Technology Corp M16C/62 Datasheet HTML 602Page - Renesas Technology Corp M16C/62 Datasheet HTML 603Page - Renesas Technology Corp M16C/62 Datasheet HTML 604Page - Renesas Technology Corp M16C/62 Datasheet HTML 605Page - Renesas Technology Corp M16C/62 Datasheet HTML 606Page - Renesas Technology Corp M16C/62 Datasheet HTML 607Page - Renesas Technology Corp M16C/62 Datasheet HTML 608Page - Renesas Technology Corp M16C/62 Datasheet HTML 609Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 605 / 615 page
background image
Appendix 4
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-288
Appendix 4 A practical example of connecting to the reset IC
M62015 and M62016 are reset ICs compatible with the M16C's backup mode. Here follow these ICs'
overview and characteristics together with an example of connecting to the M16C when Vcc = 3 V.
• Overview of the reset ICs
Either M62015 or M62016 detects the rising edge of the power, the falling edge, and abnormal voltage of
the power of the 3-V family of microcomputer systems. It is an optimal semiconductor integrated circuit to
reset or release the microcomputer system.
Either M62015 or M61016 carries out 2-step power voltage detection, and is provided with two output
terminals (the forced reset signal output RESET and the interrupt handling signal output INT). Either
M62015 or M62016 embeds the BiCMOS process and the low power consumption circuit, and outputs
optimal signals from respective output terminals with low power consumption especially in dealing with a
system that requires its RAM backup.
• Characteristics of the reset ICs
* BiCMOS process low-consumption circuit configuration
Circuit current
Icc = 3
µA (standard value normal mode Vcc = 3.0 V)
Icc = 3
µA (standard value backup mode Vcc = 2.5 V)
* Two-step power voltage detection
Normal power detection
Vs = 2.7 V (standard value)
Power detection for backup
VBATT = 2.0 V (standard value)
* Two outputs
Forced reset signal output
____________
RESET
Interrupt handling signal output
______
INT
* Output form
CMOS output
: M62015
Open drain output
: M62016
• A practical example of connection
+
-
-
+
INT
RESET
INT
RESET
Interrupt
handling
signal
Forced reset
signal
M62015 / M62016
Smoothing
capacity
100µF
+
Power for backup
VBATT(+3V)
Power supply
VCC(+3V)
Cd
Delay
capacity
0.33µF
Note
Note: Pull-up resistors are necessary only for open drain output form.
VCC
Reset IC
VCC
Power
terminal
Clock signal
input/output
M16C/62A group
INT
Interrupt input
RESET
Reset input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com