Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 606 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 606 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 602Page - Renesas Technology Corp M16C/62 Datasheet HTML 603Page - Renesas Technology Corp M16C/62 Datasheet HTML 604Page - Renesas Technology Corp M16C/62 Datasheet HTML 605Page - Renesas Technology Corp M16C/62 Datasheet HTML 606Page - Renesas Technology Corp M16C/62 Datasheet HTML 607Page - Renesas Technology Corp M16C/62 Datasheet HTML 608Page - Renesas Technology Corp M16C/62 Datasheet HTML 609Page - Renesas Technology Corp M16C/62 Datasheet HTML 610Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 606 / 615 page
background image
Appendix 5
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-289
DIP
SDIP
SOP
QFP
Appendix 5 Countermeasures against noise
Countermeasures against noise are described below. The following countermeasures are generally effec-
tive as countermeasures against noise, however, it is necessary not only to take measures as follows but to
evaluate before actual use.
1.1 Shortest wiring length
The wiring on a printed circuit board can function as an antenna which feeds noise into the microcomputer.
The shorter the total wiring length (by mm unit), the less the possibility of noise insertion into a microcom-
puter.
1.1.1 Package
Select the smallest possible package to make the total wiring length short.
q Reason
The wiring length depends on a microcomputer package. Use of a small package, for example QFP and
not DIP, makes the total wiring length short to reduce influence of noise.
Figure 1.1.1. Selection of packages
____________
1.1.2 Wiring for RESET pin
____________
Make the length of wiring which is connected to the RESET pin as short as possible. Especially, connect
____________
a capacitor across the RESET pin and the VSS pin or reset IC with the shortest possible wiring (within
20mm).
q Reason
____________
The width of a pulse input into the RESET pin is determined by the timing necessary conditions. If noise
____________
having a shorter pulse width than the standard is input to the RESET pin, the reset is released before the
internal state of the microcomputer is completely initialized. This may cause a program runaway.
__________
Figure 1.1.2. Wiring for RESET pin
RESET
Reset
circuit
Noise
VSS
VSS
N.G.
Reset
circuit
VSS
RESET
VSS
O.K.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com