Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 275 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 275 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 271Page - Renesas Technology Corp M16C/62 Datasheet HTML 272Page - Renesas Technology Corp M16C/62 Datasheet HTML 273Page - Renesas Technology Corp M16C/62 Datasheet HTML 274Page - Renesas Technology Corp M16C/62 Datasheet HTML 275Page - Renesas Technology Corp M16C/62 Datasheet HTML 276Page - Renesas Technology Corp M16C/62 Datasheet HTML 277Page - Renesas Technology Corp M16C/62 Datasheet HTML 278Page - Renesas Technology Corp M16C/62 Datasheet HTML 279Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 615 page
background image
Appendix Standard Serial I/O Mode 2 (Flash Memory Version)
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
1-256
Overview of standard serial I/O mode 2 (clock asynchronized)
In standard serial I/O mode 2, software commands, addresses and data are input and output between the
MCU and peripheral units (serial programer, etc.) using 2-wire clock-asynchronized serial I/O (UART1).
Standard serial I/O mode 2 is engaged by releasing the reset with the P65 (CLK1) pin "L" level.
The TxD1 pin is for CMOS output. Data transfer is in 8-bit units with LSB first, 1 stop bit and parity OFF.
After the reset is released, connections can be established at 9,600 bps when initial communications (Fig-
ure 1.29.22) are made with a peripheral unit. However, this requires a main clock with a minimum 2 MHz
input oscillation frequency. Baud rate can also be changed from 9,600 bps to 19,200, 38,400 or 57,600 bps
by executing software commands. However, communication errors may occur because of the oscillation
frequency of the main clock. If errors occur, change the main clock's oscillation frequency and the baud
rate.
After executing commands from a peripheral unit that requires time to erase and write data, as with erase
and program commands, allow a sufficient time interval or execute the read status command and check
how processing ended, before executing the next command.
Data and status registers in memory can be read after transmitting software commands. Status, such as
the operating state of the flash memory or whether a program or erase operation ended successfully or not,
can be checked by reading the status register. Here following are explained initial communications with
peripheral units, how frequency is identified and software commands.
Initial communications with peripheral units
After the reset is released, the bit rate generator is adjusted to 9,600 bps to match the oscillation fre-
quency of the main clock, by sending the code as prescribed by the protocol for initial communications
with peripheral units (Figure 1.29.22).
(1) Transmit "B016" from a peripheral unit. If the oscillation frequency input by the main clock is 10 or 16
MHz, the MCU with internal flash memory outputs the "B016" check code. If the oscillation frequency
is anything other than 10 or 16 MHz, the MCU does not output anything.
(2) Transmit "0016" from a peripheral unit 16 times. (The MCU with internal flash memory sets the bit
rate generator so that "0016" can be successfully received.)
(3) The MCU with internal flash memory outputs the "B016" check code and initial communications end
successfully *1. Initial communications must be transmitted at a speed of 9,600 bps and a transfer
interval of a minimum 15 ms. Also, the baud rate at the end of initial communications is 9,600 bps.
*1. If the peripheral unit cannot receive "B016" successfully, change the oscillation frequency of the main clock.
Figure 1.29.22. Peripheral unit and initial communication
MCU with internal
flash memory
Peripheral unit
(1) Transfer "B016"
If the oscillation frequency input
by the main clock is 10 or 16
MHz, the MCU outputs "B016". If
other than 10 or 16 MHz, the
MCU does not output anything.
(2) Transfer "0016" 16 times
At least 15ms
transfer interval
1st
2nd
15 th
16th
(3) Transfer check code "B016"
"B016"
"0016"
"0016"
"0016"
"B016"
"B016"
"0016"
Reset
The bit rate generator setting completes (9600bps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com