Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 276 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 276 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 272Page - Renesas Technology Corp M16C/62 Datasheet HTML 273Page - Renesas Technology Corp M16C/62 Datasheet HTML 274Page - Renesas Technology Corp M16C/62 Datasheet HTML 275Page - Renesas Technology Corp M16C/62 Datasheet HTML 276Page - Renesas Technology Corp M16C/62 Datasheet HTML 277Page - Renesas Technology Corp M16C/62 Datasheet HTML 278Page - Renesas Technology Corp M16C/62 Datasheet HTML 279Page - Renesas Technology Corp M16C/62 Datasheet HTML 280Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 615 page
background image
Appendix Standard Serial I/O Mode 2 (Flash Memory Version)
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
1-257
How frequency is identified
When "0016" data is received 16 times from a peripheral unit at a baud rate of 9,600 bps, the value of the
bit rate generator is set to match the operating frequency (2 - 16 MHz). The highest speed is taken from
the first 8 transmissions and the lowest from the last 8. These values are then used to calculate the bit
rate generator value for a baud rate of 9,600 bps.
Baud rate cannot be attained with some operating frequencies. Table 1.29.4 gives the operation fre-
quency and the baud rate that can be attained for.
Table 1.29.4 Operation frequency and the baud rate
Operation frequency
(MHZ)
Baud rate
9,600bps
Baud rate
19,200bps
Baud rate
38,400bps
Baud rate
57,600bps
16MHZ
12MHZ
11MHZ
10MHZ
8MHZ
7.3728MHZ
6MHZ
5MHZ
4.5MHZ
4.194304MHZ
4MHZ
3.58MHZ
3MHZ
2MHZ
: Communications possible
– : Communications not possible
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com