Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32182 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 35Page - Renesas Technology Corp 32182 Datasheet HTML 36Page - Renesas Technology Corp 32182 Datasheet HTML 37Page - Renesas Technology Corp 32182 Datasheet HTML 38Page - Renesas Technology Corp 32182 Datasheet HTML 39Page - Renesas Technology Corp 32182 Datasheet HTML 40Page - Renesas Technology Corp 32182 Datasheet HTML 41Page - Renesas Technology Corp 32182 Datasheet HTML 42Page - Renesas Technology Corp 32182 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 755 page
background image
1-12
1
OVERVIEW
32182 Group User’s Manual (Rev.1.0)
1.3 Pin Functions
Table 1.3.1 Description of Pin Functions (4/5)
Type
Pin Name
Signal Name
Input/Output Description
Serial I/O
TXD0
Transmit data
Output
Transmit data output pin for serial I/O channel 0.
RXD0
Received data
Input
Received data input pin for serial I/O channel 0.
TXD1
Transmit data
Output
Transmit data output pin for serial I/O channel 1.
RXD1
Received data
Input
Received data input pin for serial I/O channel 1.
TXD2
Transmit data
Output
Transmit data output pin for serial I/O channel 2.
RXD2
Received data
Input
Received data input pin for serial I/O channel 2.
TXD3
Transmit data
Output
Transmit data output pin for serial I/O channel 3.
RXD3
Received data
Input
Received data input pin for serial I/O channel 3.
Real-time
RTDTXD
RTD transmit data
Output
Serial data output pin for the real-time debugger.
debugger
RTDRXD
RTD received data
Input
Serial data input pin for the real-time debugger.
(RTD)
RTDCLK
RTD clock input
Input
Serial data transmit/receive clock input pin for the real-time
debugger.
RTDACK
RTD acknowledge
Output
A low-level pulse is output from this pin synchronously with
the start clock for the real-time debugger’s serial data output
word. The low-level pulse width indicates the type of command/
data received by the real-time debugger.
CAN
CTX0, CTX1 Transmit data
Output
This pin outputs data from the CAN module.
CRX0, CRX1 Received data
Input
This pin accepts as input the data for the CAN module.
JTAG
JTMS
Test mode select
Input
Test mode select input to control the state transition of the
test circuit.
JTCK
Test clock
Input
Clock input for the debug module and test circuit.
JTRST
Test reset
Input
Test reset input to initialize the test circuit asynchronously
with device operation.
JTDI
Test data input
Input
This pin accepts as input the test instruction code or test data
that is serially received.
JTDO
Test data output
Output
This pin outputs the test instruction code or test data serially.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com