Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32182 Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 89Page - Renesas Technology Corp 32182 Datasheet HTML 90Page - Renesas Technology Corp 32182 Datasheet HTML 91Page - Renesas Technology Corp 32182 Datasheet HTML 92Page - Renesas Technology Corp 32182 Datasheet HTML 93Page - Renesas Technology Corp 32182 Datasheet HTML 94Page - Renesas Technology Corp 32182 Datasheet HTML 95Page - Renesas Technology Corp 32182 Datasheet HTML 96Page - Renesas Technology Corp 32182 Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 755 page
background image
3
3-34
ADDRESS SPACE
32182 Group User’s Manual (Rev.1.0)
3.6 ICU Vector Table
The ICU vector table is used by the internal interrupt controller of the microcomputer. This table has the addresses
shown below, at which the start addresses of interrupt handlers for the interrupt requests from respective internal
peripheral I/Os are set. For details, see Chapter 5, “Interrupt Controller.”
ICU Vector Table Memory Map (1/2)
Address
+0 address
+1 address
b0
b7 b8
b15
H'0000 0094
TIN3–6 Input Interrupt Handler Start Address (A0–A15)
H'0000 0096
TIN3–6 Input Interrupt Handler Start Address (A16–A31)
H'0000 0098
TIN20–29 Input Interrupt Handler Start Address (A0–A15)
H'0000 009A
TIN20–29 Input Interrupt Handler Start Address (A16–A31)
H'0000 009C
TIN12–19 Input Interrupt Handler Start Address (A0–A15)
H'0000 009E
TIN12–19 Input Interrupt Handler Start Address (A16–A31)
H'0000 00A0
TIN0–2 Input Interrupt Handler Start Address (A0–A15)
H'0000 00A2
TIN0–2 Input Interrupt Handler Start Address (A16–A31)
H'0000 00A4
(Note 1)
H'0000 00A6
H'0000 00A8
TMS0, 1 Output Interrupt Handler Start Address (A0–A15)
H'0000 00AA
TMS0, 1 Output Interrupt Handler Start Address (A16–A31)
H'0000 00AC
TOP8, 9 Output Interrupt Handler Start Address (A0–A15)
H'0000 00AE
TOP8, 9 Output Interrupt Handler Start Address (A16–A31)
H'0000 00B0
TOP10 Output Interrupt Handler Start Address (A0–A15)
H'0000 00B2
TOP10 Output Interrupt Handler Start Address (A16–A31)
H'0000 00B4
TIO4–7 Output Interrupt Handler Start Address (A0–A15)
H'0000 00B6
TIO4–7 Output Interrupt Handler Start Address (A16–A31)
H'0000 00B8
TIO8, 9 Output Interrupt Handler Start Address (A0–A15)
H'0000 00BA
TIO8, 9 Output Interrupt Handler Start Address (A16–A31)
H'0000 00BC
TOP0–5 Output Interrupt Handler Start Address (A0–A15)
H'0000 00BE
TOP0–5 Output Interrupt Handler Start Address (A16–A31)
H'0000 00C0
TOP6, 7 Output Interrupt Handler Start Address (A0–A15)
H'0000 00C2
TOP6, 7 Output Interrupt Handler Start Address (A16–A31)
H'0000 00C4
TIO0–3 Output Interrupt Handler Start Address (A0–A15)
H'0000 00C6
TIO0–3 Output Interrupt Handler Start Address (A16–A31)
H'0000 00C8
DMA0–4 Interrupt Handler Start Address (A0–A15)
H'0000 00CA
DMA0–4 Interrupt Handler Start Address (A16–A31)
H'0000 00CC
SIO1 Receive Interrupt Handler Start Address (A0–A15)
H'0000 00CE
SIO1 Receive Interrupt Handler Start Address (A16–A31)
H'0000 00D0
SIO1 Transmit Interrupt Handler Start Address (A0–A15)
H'0000 00D2
SIO1 Transmit Interrupt Handler Start Address (A16–A31)
H'0000 00D4
SIO0 Receive Interrupt Handler Start Address (A0–A15)
H'0000 00D6
SIO0 Receive Interrupt Handler Start Address (A16–A31)
3.6 ICU Vector Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com