Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32182 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 41Page - Renesas Technology Corp 32182 Datasheet HTML 42Page - Renesas Technology Corp 32182 Datasheet HTML 43Page - Renesas Technology Corp 32182 Datasheet HTML 44Page - Renesas Technology Corp 32182 Datasheet HTML 45Page - Renesas Technology Corp 32182 Datasheet HTML 46Page - Renesas Technology Corp 32182 Datasheet HTML 47Page - Renesas Technology Corp 32182 Datasheet HTML 48Page - Renesas Technology Corp 32182 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 755 page
background image
1-18
1
OVERVIEW
32182 Group User’s Manual (Rev.1.0)
1.4 Pin Assignments
Table 1.4.1 Pin Assignments of the 32182 (4/4)
During single-chip and
external extension modes
P03
Input
Hi-z
Hi-z
During processor mode
DB3
Input/output
Hi-z
Hi-z
During single-chip and
external extension modes
P02
Input
Hi-z
Hi-z
During processor mode
DB2
Input/output
Hi-z
Hi-z
During single-chip and
external extension modes
P01
Input
Hi-z
Hi-z
During processor mode
DB1
Input/output
Hi-z
Hi-z
During single-chip and
external extension modes
P00
Input
Hi-z
Hi-z
During processor mode
DB0
Input/output
Hi-z
Hi-z
P73
Input
Hi-z
Hi-z
P72
Input
Hi-z
Hi-z
P71
Input
Hi-z
Hi-z
P70
Input
Hi-z
Hi-z
During processor mode
P43
Input
Hi-z
Hi-z
During external extension
and processor modes
RD#
Output
Hi-z
High level
During processor mode
P42
Input
Hi-z
Hi-z
During external extension
and processor modes
BHE#/BHE#
Output
Hi-z
High level
During processor mode
P41
Input
Hi-z
Hi-z
During external extension
and processor modes
BLE#/BLE#
Output
Hi-z
High level
VCC-BUS
---
----
136 P73/HACK#
P73
HACK#
-
Input/output
137 P72/HREQ#
P72
HREQ#
-
Input/output
138 P71/WAIT#
P71
WAIT#
-
Input/output
139 P70/BCLK/WR#
P70
BCLK
WR#
Input/output
143 VCC-BUS
-
VCC-BUS
-
-
144 VSS
-
VSS
-
-
-
Input/output
132 P03/DB3
P03
DB3
-
Input/output
-
Input/output
133 P02/DB2
134 P01/DB1
P01
DB1
P02
DB2
135 P00/DB0
P00
DB0
BHE#
Input/output
140 P43/RD#
P43
RD#
-
Input/output
-
Input/output
BLE#
Input/output
141 P42/BHW#/BHE#
142 P41/BLW#/BLE#
P41
BLW#
P42
BHW#
Port
Other than
port
Other than
port
Pin
No.
Symbol
Function
Type
-
Input/output
124 P13/DB11
P13
DB11
-
Input/output
-
Input/output
125 P12/DB10
126 P11/DB9
P11
DB9
P12
DB10
127 P10/DB8
P10
DB8
-
Input/output
128 P07/DB7
P07
DB7
-
Input/output
-
Input/output
-
Input/output
129 P06/DB6
130 P05/DB5
P05
DB5
P06
DB6
131 P04/DB4
P04
DB4
-
Input/output
Function
Type
State during
reset
State at reset
release
During single-chip and
external extension modes
P13
Input
Hi-z
Hi-z
During processor mode
DB11
Input/output
Hi-z
Hi-z
During single-chip and
external extension modes
P12
Input
Hi-z
Hi-z
During processor mode
DB10
Input/output
Hi-z
Hi-z
During single-chip and
external extension modes
P11
Input
Hi-z
Hi-z
During processor mode
DB9
Input/output
Hi-z
Hi-z
During single-chip and
external extension modes
P10
Input
Hi-z
Hi-z
During processor mode
DB8
Input/output
Hi-z
Hi-z
During single-chip and
external extension modes
P07
Input
Hi-z
Hi-z
During processor mode
DB7
Input/output
Hi-z
Hi-z
During single-chip and
external extension modes
P06
Input
Hi-z
Hi-z
During processor mode
DB6
Input/output
Hi-z
Hi-z
During single-chip and
external extension modes
P05
Input
Hi-z
Hi-z
During processor mode
DB5
Input/output
Hi-z
Hi-z
During single-chip and
external extension modes
P04
Input
Hi-z
Hi-z
During processor mode
DB4
Input/output
Hi-z
Hi-z
Condition
Pin State When Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com