Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32182 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 45Page - Renesas Technology Corp 32182 Datasheet HTML 46Page - Renesas Technology Corp 32182 Datasheet HTML 47Page - Renesas Technology Corp 32182 Datasheet HTML 48Page - Renesas Technology Corp 32182 Datasheet HTML 49Page - Renesas Technology Corp 32182 Datasheet HTML 50Page - Renesas Technology Corp 32182 Datasheet HTML 51Page - Renesas Technology Corp 32182 Datasheet HTML 52Page - Renesas Technology Corp 32182 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 755 page
background image
2
2-4
32182 Group User’s Manual (Rev.1.0)
CPU
2.3 Control Registers
2.3.2 Condition Bit Register: CBR (CR1)
The Condition Bit Register (CBR) is derived from the PSW register by extracting its Condition (C) bit. The value
written to the PSW register’s C bit is reflected in this register. The register can only be read. (Writing to the
register with the MVTC instruction is ignored.)
After reset, the value of CBR is H’0000 0000.
b0
b31
0000000000000000000000000000000
C
CBR
2.3.3 Interrupt Stack Pointer: SPI (CR2) and User Stack Pointer: SPU (CR3)
The Interrupt Stack Pointer (SPI) and the User Stack Pointer (SPU) retain the address of the current stack
pointer. These registers can be accessed as the general-purpose register R15. R15 switches between repre-
senting the SPI and SPU depending on the value of the Stack Mode (SM) bit in the PSW.
After reset, the values of the SPI and SPU are undefined.
b0
b31
SPI
SPI
b0
b31
SPU
SPU
2.3.4 Backup PC: BPC (CR6)
The Backup PC (BPC) is used to save the value of the Program Counter (PC) when an EIT occurs. Bit 31 is fixed
to "0".
When an EIT occurs, the register sets either the PC value when the EIT occurred or the PC value for the next
instruction depending on the type of EIT. The BPC value is loaded to the PC when the RTE instruction is
executed. However, the values of the lower 2 bits of the PC are always "00" when returned. (PC always returns
to the word-aligned address.)
After reset, the value of the BPC is undefined.
b0
b31
0
BPC
BPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com