Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7630 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 45Page - Renesas Technology Corp 7630 Datasheet HTML 46Page - Renesas Technology Corp 7630 Datasheet HTML 47Page - Renesas Technology Corp 7630 Datasheet HTML 48Page - Renesas Technology Corp 7630 Datasheet HTML 49Page - Renesas Technology Corp 7630 Datasheet HTML 50Page - Renesas Technology Corp 7630 Datasheet HTML 51Page - Renesas Technology Corp 7630 Datasheet HTML 52Page - Renesas Technology Corp 7630 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 238 page
background image
1-33
7630 Group User’s Manual
+$5':$5(
CAN MODULE
The CAN (Controller Area Network) interface of the 7630 group com-
plies with the 2.0B specification, enabling reception and transmission
of frames with either 11- or 29- bit identifier length. Refer to Fig. 33 for
a block diagram of the CAN interface.
The programmer’s interface to the CAN module is formed by three
status/control registers (Fig. 34, Fig. 35, Fig. 36), two bus timing con-
trol registers (Fig. 37 Fig. 38), several registers for acceptance filter-
ing (Fig. 39), the transmit and receive buffer registers (Fig. 40) and
one dominant level control bit (Fig. 24).
Baud Rate Selection
A programmable clock prescaler is used to derive the CAN module’s
basic clock from the internal system clock frequency (
φ). Bit 0 to bit 3
of the CAN bus timing control register represent the prescaler allow-
ing a division ratio from 1 to 1/16 to be selected. So the CAN module
basic clock frequency fCANB can be calculated as follows:
where
p is the value of the prescaler (selectable from 1 to 15). The
effective baud rate of the CAN bus communication depends on the
CAN bus timing control parameters and will be explained below.
CAN Bus Timing Control
Each bit-time consists of four different segments (see Fig. 32):
•
Synchronization segment (SS),
•
Propagation time segment (PTS),
•
Phase buffer segment 1 (PBS1) and
•
Phase buffer segment 2 (PBS2).
Fig. 32 Bit time of CAN module
The first of these segments is of fixed length (one Time Quantum)
and the latter three can be programmed to be 1 to 8 Time Quanta by
the CAN bus timing control register 1 and 2 (see Fig. 37 and Fig. 38).
The whole bit-time has to consist of minimum 8 and maximum 25
Time Quanta. The duration of one Time Quantum is the cycle time of
fCANB. For example, assuming φ = 5 MHz, p = 0, one Time Quantum
will be 200 ns long. This allows the maximum transmission rate of
625 kb/s to be reached (assuming 8 Time Quanta per bit-time).
Fig. 33 Block diagram of CAN module
f
CANB
φ
p
1
+
------------
=
SS
PTS
PBS1
PBS2
Sample point
Bit-time
Bus timing control
register
Data bus
Acceptance mask
register
Acceptance code
register
Transmit buffer
Receive buffer 1
Receive buffer 2
Acceptance filter
Data bus
P31/CTX
P32/CRX
Protocol controller
CAN wake-up
Wake-up logic
Polarity control
register
CAN status/control
registers
CAN MODULE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com