Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7630 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 25Page - Renesas Technology Corp 7630 Datasheet HTML 26Page - Renesas Technology Corp 7630 Datasheet HTML 27Page - Renesas Technology Corp 7630 Datasheet HTML 28Page - Renesas Technology Corp 7630 Datasheet HTML 29Page - Renesas Technology Corp 7630 Datasheet HTML 30Page - Renesas Technology Corp 7630 Datasheet HTML 31Page - Renesas Technology Corp 7630 Datasheet HTML 32Page - Renesas Technology Corp 7630 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 238 page
background image
1-13
7630 Group User’s Manual
+$5':$5(
I/O PORTS
The 7630 group has 35 programmable I/O pins and one input pin
arranged in five I/O ports (ports P0 to P4). The I/O ports are con-
trolled by the corresponding port registers and port direction regis-
ters; each I/O pin can be controlled separately.
When data is read from a port configured as an output port, the port
latch’s contents are read instead of the port level. A port configured
as an input port becomes floating and its level can be read. Data writ-
ten to this port will affect the port latch only; the port remains floating.
Refer to Structure of port- and port direction registers, Structure of
port I/Os (1) and Structure of port I/Os (2).
Fig. 10 Structure of port- and port direction registers
Fig. 11 Structure of port I/Os (1)
Port Pij direction control bit (j = 0 to 7)
0 : Port configured as input
1 : Port configured as output
Note : The direction control bits corresponding to P10, P11, P35, P36 and P37 are not
used (“0” when read, do not write “1”). Port direction registers are undefined when
read (write only).
70
Port Pi direction register (i = 0 to 4) (address 000916 + 2 · i)
PiD
Port Pij control bit (j = 0 to 7)
0 : “L” level
1 : “H” level
Note :
The control bits corresponding to P10, P35, P36 and P37 are not used
(“0” when read, do not write “1”).
70
Port Pi register (i = 0 to 4) (address 000816 + 2 · i)
Pi
(1) Ports P00/AN0 to P07/AN7
(2) Port P11/INT0
Data bus
Interrupt input
(3) Port P12/INT1
Data bus
Pull-up control bit
Port latch
Direction
register
Interrupt input
(4) Port P13/TX0
Data bus
Pull-up control bit
Port latch
direction
register
Timer bi-phase mode input
(5) Ports P14/CNTR0, P15/CNTR1
Data bus
Pull-up control bit
Port latch
Direction
register
Timer bi-phase mode input
(6) Port P16/PWM
Data bus
Pull-up control bit
Port latch
Direction
register
PWM output
PWM output enable
Data bus
Pull-up control bit
Port latch
Direction
register
ADC input
Analog input selection
Analog input selection
I/O PORTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com