Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7630 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 55Page - Renesas Technology Corp 7630 Datasheet HTML 56Page - Renesas Technology Corp 7630 Datasheet HTML 57Page - Renesas Technology Corp 7630 Datasheet HTML 58Page - Renesas Technology Corp 7630 Datasheet HTML 59Page - Renesas Technology Corp 7630 Datasheet HTML 60Page - Renesas Technology Corp 7630 Datasheet HTML 61Page - Renesas Technology Corp 7630 Datasheet HTML 62Page - Renesas Technology Corp 7630 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 238 page
background image
1-43
7630 Group User’s Manual
+$5':$5(
CLOCK GENERATING CIRCUIT
The 7630 group is equipped with an internal clock generating circuit.
Please refer to Fig. 48 for a circuit example using a ceramic resona-
tor or quartz crystal oscillator. For the capacitor values, refer to the
manufacturers recommended parameters which depend on each
oscillators characteristics. When using an external clock, input it to
the XIN pin and leave XOUT open.
Fig. 48 Ceramic resonator circuit
.
Oscillation Control
The 7630 group has two low power modes: the stop and the wait
mode.
Stop mode
The microcomputer enters the stop mode by executing the STP
instruction. The oscillator stops with the internal clock
φ at “H” level.
Timers 1 and 2 will be cascaded and initialized by their reload latches
contents. The count source for timer 1 will be set to f(XIN)/16.
Oscillation is restarted if an external interrupt is accepted or at reset.
When using an external interrupt, the internal clock
φ remains at “H”
level until timer 2 underflows allowing a time-out until the clock oscil-
lation becomes stable. When using reset, a fixed time-out will be gen-
erated allowing oscillation to stabilize.
Wait mode
The microcomputer enters the wait mode by executing the WIT
instruction. The internal clock ø stops at “H” level while the oscillator
keeps running.
Recovery from wait mode can be done in the same way as from stop
mode. However, the time-out period mentioned above is not required
to return from wait-mode, thus no such time-out mechanism has
been implemented.
Note: Set the interrupt enable bit of the interrupt source to be used to
return from stop or wait mode to “1” before executing STP or WIT
instruction.
Fig. 49 Block diagram of clock generating circuit
CIN
COUT
XIN
XOUT
WIT
STP
XIN
XOUT
1/2
1/4
CPUM6
Interrupt request
Interrupt disable flag
S
R
Q
RESET
Delay
STP
D
T
Q
D
T
Q
R
S
Q
R
S
Q
R
S
Q
STP
P2
Internal clock
for
peripherals
Internal clock
for CPU
Oscillator countdown
(timer 1 and 2)
2
φ
φ
“1”
“0”
CLOCK GENERATING CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com