Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7630 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 87Page - Renesas Technology Corp 7630 Datasheet HTML 88Page - Renesas Technology Corp 7630 Datasheet HTML 89Page - Renesas Technology Corp 7630 Datasheet HTML 90Page - Renesas Technology Corp 7630 Datasheet HTML 91Page - Renesas Technology Corp 7630 Datasheet HTML 92Page - Renesas Technology Corp 7630 Datasheet HTML 93Page - Renesas Technology Corp 7630 Datasheet HTML 94Page - Renesas Technology Corp 7630 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 238 page
background image
APPLICATION
2.3 Timers
2-25
7630 Group User’s Manual
Control procedure : Figure 2.3.10 shows a control procedure.
Fig. 2.3.10 Control procedure [Clock function]
RESET
Initialization
SEI
T123M [Address: 001916]
ICONB [Address: 000616], bit 5
T1 [Address: 001616]
T3 [Address: 001816]
CLI
CPUM [Address: 000016]
00000X002
0100XXXX2
1
250 – 1
50 – 1
Main processing
IREQB [Address: 000316], bit 5
T1 [Address: 001616]
T3 [Address: 001816]
[Processing for completion of setting clock]
0
250 – 1
50 – 1
(Note 1)
Timer 3 interrupt processing routine
CLT (Note 2)
CLD (Note 3)
Push registers to the stack area
Clock stop?
Clock count up (1/40 second to year)
Pop registers from the stack area
RTI
Y
N
•
φ = f(XIN) divided by 2 (high-speed mode)
• Select each count source of the Timer 1 and Timer 3.
• Set “division ratio – 1” to the Timer 1 and Timer 3.
• Interrupts : Enabled
Note 1: This processing is performed only
at completing to set the clock.
Note 2: When using the Index X mode flag (T).
Note 3: When using the Decimal mode flag (D).
• Push the registers used in the interrupt processing routine
on the stack.
• When restarting the clock from zero second
after completing to set the clock, reset timers.
• Set the Timer 3 interrupt request bit to “0”.
• Check if the clock has already been set.
• Count up the clock.
• Pop registers which are pushed on the stack.
X : These bits are not used in this application.
Please set these bits to “0” or “1” appropriately.
• All interrupts : Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com