Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5102 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5102
Description  20-W/15-W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5102 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5102 Datasheet HTML 1Page - Texas Instruments TAS5102 Datasheet HTML 2Page - Texas Instruments TAS5102 Datasheet HTML 3Page - Texas Instruments TAS5102 Datasheet HTML 4Page - Texas Instruments TAS5102 Datasheet HTML 5Page - Texas Instruments TAS5102 Datasheet HTML 6Page - Texas Instruments TAS5102 Datasheet HTML 7Page - Texas Instruments TAS5102 Datasheet HTML 8Page - Texas Instruments TAS5102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
VCC − Supply Voltage − V
0
5
10
15
20
25
30
35
5
10
15
20
25
G009
THD+N = 1%
THD+N = 10%
f = 1 kHz
RL = 8 Ω (BTL)
Gain = 3 dB
TAS5102
TAS5103
www.ti.com .............................................................................................................................................................. SLLS801A – JUNE 2008 – REVISED JUNE 2008
20-W/15-W STEREO DIGITAL AMPLIFIER POWER STAGE
A low-cost, high-fidelity audio system can be built
using a TI chipset, comprising a modulator (e.g.,
2
• 2×20 W at 10% THD+N Into 8-Ω BTL at 18 V
TAS5086) and the TAS5102/TAS5103. This system
(With Heatsink for TAS5102)
only requires a simple passive LC demodulation filter
• 2×15 W at 10% THD+N Into 8-Ω BTL at 15.5 V
to
deliver
high-quality,
high-efficiency
audio
for TAS5103
amplification with proven EMI compliance. These
devices require two power supplies, at 3.3 V for
• 2×10 W at 10% THD+N Into 8-Ω BTL at 13 V
VREG,
and
up
to
23
V
for
PVDD.
The
• >100-dB SNR (A-Weighted)
TAS5102/TAS5103
does
not
require
power-up
• <0.1% THD+N at 1 W
sequencing due to internal power-on reset. The
efficiency of this digital amplifier is greater than 90%
• Thermally Enhanced Package: 32-pin HTSSOP
into 8
Ω, which enables the use of smaller power
–
DAD (TAS5102) Pad Up
supplies and heatsinks.
–
DAP (TAS5103) Pad Down
The TAS5102/3 has an innovative protection system
• High-Efficiency Power Stage (>90%) With
integrated on chip, safeguarding the device against a
180-m
Ω Output MOSFETs
wide range of fault conditions that could damage the
• Wide PVDD Range from 8V to 23V
system. These safeguards are short-circuit protection,
overcurrent protection, undervoltage protection, and
• Power-On Reset for Protection on Power Up
overtemperature protection. The TAS5102/TAS5103
Without Any Power-Supply Sequencing
has a new proprietary current-limiting circuit that
• Integrated Self-Protection Circuits Including
reduces the possibility of device shutdown during
Undervoltage, Overtemperature, Overcurrent,
high-level music transients.
Short Circuit
BTL OUTPUT POWER
• Built-In Regulator for Gate Drive Supply
vs
SUPPLY VOLTAGE
• Error Reporting
• EMI Compliant When Used With
Recommended System Design
• Televisions
• Mini/Micro Audio Systems
• DVD Receivers
• Home Theaters
The TAS5102/TAS5103 are integrated stereo digital
amplifier power stages with an advanced protection
system. The TAS5102/TAS5103 are capable of
driving an 8-
Ω bridge-tied load (BTL) at up to 20
W/15 W per channel with low integrated noise at the
output, low THD+N performance, and low idle power
dissipation.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5102 TI-TAS5102 Datasheet
1Mb / 23P
20-W/15-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5102DAD TI-TAS5102DAD Datasheet
1Mb / 23P
20-W/15-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5102DADR TI-TAS5102DADR Datasheet
1Mb / 23P
20-W/15-W STEREO DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI-TAS5352 Datasheet
827Kb / 27P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5102 TI-TAS5102 Datasheet
1Mb / 23P
20-W/15-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342 TI1-TAS5342 Datasheet
1Mb / 29P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342DDVRG4 TI-TAS5342DDVRG4 Datasheet
974Kb / 29P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI1-TAS5352_16 Datasheet
1Mb / 29P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352A TI1-TAS5352A_12 Datasheet
960Kb / 27P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com