Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5102 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5102
Description  20-W/15-W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5102 Datasheet(HTML) 3 Page - Texas Instruments

  TAS5102 Datasheet HTML 1Page - Texas Instruments TAS5102 Datasheet HTML 2Page - Texas Instruments TAS5102 Datasheet HTML 3Page - Texas Instruments TAS5102 Datasheet HTML 4Page - Texas Instruments TAS5102 Datasheet HTML 5Page - Texas Instruments TAS5102 Datasheet HTML 6Page - Texas Instruments TAS5102 Datasheet HTML 7Page - Texas Instruments TAS5102 Datasheet HTML 8Page - Texas Instruments TAS5102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
TAS5102
TAS5103
www.ti.com .............................................................................................................................................................. SLLS801A – JUNE 2008 – REVISED JUNE 2008
over operating free-air temperature range (unless otherwise noted)
UNIT
PVDD_X to GND_X DC
-0.3 to 23
V
PVDD_X to GND_X (2)
–0.3 to 32
V
OUT_X to GND_X (2)
–0.3 to 32
V
BST_X to GND_X (2)
–0.3 to 43.2
V
VREG to AGND
–0.3 to 4.2
V
GVDD to GND
-0.3 to 13.2
V
GND_X to GND
–0.3 to 0.3
V
GND_X to AGND
–0.3 to 0.3
V
GND to AGND
–0.3 to 0.3
V
PWM_X, OC_ADJ, M1, M2 to AGND
–0.3 to 4.2
V
RESET_X, FAULT, OTW to AGND
–0.3 V to 7
V
Maximum continuous sink current (FAULT, OTW)
9
mA
TJ
Maximum operating junction temperature range,
0 to 150
°C
TSTG
Storage temperature range
–65 to 150
°C
Minimum pulse duration, low
50
ns
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
These voltages represent the dc voltage + peak ac waveform measured at the terminal of the device in all conditions.
ORDERING INFORMATION
TA
PACKAGE(1)
DESCRIPTION
TAS5102DAD
32-pin HTSSOP
0°C to 70°C
TAS5103DAP
32-pin HTSSOP
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TAS5102 TAS5103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com