Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5102 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5102
Description  20-W/15-W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5102 Datasheet(HTML) 2 Page - Texas Instruments

  TAS5102 Datasheet HTML 1Page - Texas Instruments TAS5102 Datasheet HTML 2Page - Texas Instruments TAS5102 Datasheet HTML 3Page - Texas Instruments TAS5102 Datasheet HTML 4Page - Texas Instruments TAS5102 Datasheet HTML 5Page - Texas Instruments TAS5102 Datasheet HTML 6Page - Texas Instruments TAS5102 Datasheet HTML 7Page - Texas Instruments TAS5102 Datasheet HTML 8Page - Texas Instruments TAS5102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
DEVICE INFORMATION
Pin Assignment
OUT_B
PVDD_A
PGND_CD
BST_A
BST_C
PGND_AB
PGND_AB
PVDD_B
OUT_A
BST_B
PVDD_C
PGND_CD
OUT_C
PVDD_D
OUT_D
BST_D
OTW
VREG
FAULT
GVDD_AB
PWM_B
GND
SSTIMER
RESET
AGND
PWM_A
PWM_C
OC_ADJ
PWM_D
M2
M1
GVDD_CD
OUT_C
PVDD_D
PGND_AB
BST_D
BST_B
PGND_CD
PGND_CD
PVDD_C
OUT_D
BST_C
PVDD_B
PGND_AB
OUT_B
PVDD_A
OUT_A
BST_A
PWM_D
M2
SSTIMER
GVDD_CD
PWM_A
OC_ADJ
FAULT
PWM_C
M1
PWM_B
RESET
GND
OTW
VREG
AGND
GVDD_AB
MODE Selection Pins
Package Heat Dissipation Ratings
TAS5102
TAS5103
SLLS801A – JUNE 2008 – REVISED JUNE 2008 .............................................................................................................................................................. www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
The TAS5102/TAS5103 are available in a thermally enhanced package:
• TAS5102 Pad Up 32-pin HTSSOP PowerPAD™ package (DAD)
• TAS5103 Pad Down 32-pin HTSSOP PowerPAD™ package (DAP)
DAD PACKAGE
DAP PACKAGE
(TOP VIEW)
(TOP VIEW)
Mode
PWM INPUT
OUTPUT CONFIGURATION
PROTECTION SCHEME
M2
M1
0
0
2N (1) AD/BD modulation
2 channels BTL output
BTL mode (2)
0
1
1N (1) AD modulation
2 channels BTL output
BTL mode (2)
Protection works similarly to BTL mode (2). Only
1
0
1N (1) AD modulation
4 channels SE output
difference in SE mode is that OUT_X is Hi-Z instead
of a pulldown through internal pulldown resistor.
1
1
Reserved
(1)
The 1N and 2N naming convention is used to indicate the required number of PWM lines to the power stage per channel in a specific
mode.
(2)
An overcurrent protection (OC) occurring on A or B causes all channels to shut down. An OC on C or D works similarly. Global errors
like overtemperature error (OTE), undervoltage protection (UVP), and power-on reset (POR) affect all channels.
PARAMETER
TAS5102DAD
TAS5103DAP
RθJC (°C/W)
1.69
1.69
RθJA (°C/W)
See Note (1)
23.5
(1)
The TAS5102 package is thermally enhanced for conductive cooling using an exposed metal pad area. It is impractical to use the device
with the pad exposed to ambient air as the only means for heat dissipation for higher power applications.
For this reason, RθJA, a system parameter that characterizes the thermal treatment, is provided in the Application Information section of
the data sheet. An example and discussion of typical system RθJA values are provided in the Thermal Information section. This example
provides additional information regarding the power dissipation ratings. This example should be used as a reference to calculate the
heat dissipation ratings for a specific application. TI application engineering provides technical support to design heatsinks if needed.
Also, for additional general information on PowerPad packages, see TI document SLMA002B.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5102 TAS5103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com