Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5102 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5102
Description  20-W/15-W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5102 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TAS5102 Datasheet HTML 8Page - Texas Instruments TAS5102 Datasheet HTML 9Page - Texas Instruments TAS5102 Datasheet HTML 10Page - Texas Instruments TAS5102 Datasheet HTML 11Page - Texas Instruments TAS5102 Datasheet HTML 12Page - Texas Instruments TAS5102 Datasheet HTML 13Page - Texas Instruments TAS5102 Datasheet HTML 14Page - Texas Instruments TAS5102 Datasheet HTML 15Page - Texas Instruments TAS5102 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
PO − Total Output Power − W
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
25
30
35
40
45
50
G008
f = 1 kHz
RL = 8 Ω (BTL)
Gain = 3 dB
VCC = 8 V
VCC = 12 V
VCC = 18 V
PO − Output Power − W
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
G007
f = 1 kHz
RL = 8 Ω (BTL)
Gain = 3 dB
VCC = 18 V
VCC = 12 V
VCC = 8 V
VCC − Supply Voltage − V
0
5
10
15
20
25
30
35
5
10
15
20
25
G009
THD+N = 1%
THD+N = 10%
f = 1 kHz
RL = 8 Ω (BTL)
Gain = 3 dB
−100
−90
−80
−70
−60
−50
−40
−30
−20
f − Frequency − Hz
G010
20
100
1k
10k
20k
Left to Right
Right to Left
VCC = 18 V
RL = 8 Ω (BTL)
PO = 0.25 W
Gain = 3 dB
TAS5102
TAS5103
SLLS801A – JUNE 2008 – REVISED JUNE 2008 .............................................................................................................................................................. www.ti.com
TYPICAL CHARACTERISTICS (continued)
EFFICIENCY
SUPPLY CURRENT
vs
vs
OUTPUT POWER
TOTAL OUTPUT POWER
Figure 7.
Figure 8.
OUTPUT POWER
CROSSTALK
vs
vs
SUPPLY VOLTAGE
FREQUENCY
Figure 9.
Figure 10.
12
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5102 TAS5103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com